Electronic Components Datasheet Search
  English  ▼

X  

MAX9321 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9321
Description  Differential LVPECL/LVECL/HSTL Receiver/Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9321 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX9321 Datasheet HTML 1Page - Maxim Integrated Products MAX9321 Datasheet HTML 2Page - Maxim Integrated Products MAX9321 Datasheet HTML 3Page - Maxim Integrated Products MAX9321 Datasheet HTML 4Page - Maxim Integrated Products MAX9321 Datasheet HTML 5Page - Maxim Integrated Products MAX9321 Datasheet HTML 6Page - Maxim Integrated Products MAX9321 Datasheet HTML 7Page - Maxim Integrated Products MAX9321 Datasheet HTML 8Page - Maxim Integrated Products MAX9321 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Differential LVPECL/LVECL/HSTL
Receiver/Drivers
6
_______________________________________________________________________________________
Pin Description (MAX9321)
Pin Description (MAX9321A)
PIN
µMAX/SO
SOT23
NAME
FUNCTION
1
6
N.C.
No Connection
2
3
D
Noninverting Differential Input. 100k
Ω pulldown to VEE.
34
D
Inverting Differential Input. 60k
Ω pullup to VCC and 100kΩ pulldown to VEE.
45
VBB
Reference Output Voltage. Connect to the inverting or noninverting input to provide a
reference for single-ended operation. When used, bypass with a 0.01µF ceramic
capacitor to VCC; otherwise leave open.
52
VEE
Negative Supply Voltage
67
Q
Inverting Output. Typically terminate with 50
Ω resistor to VCC - 2V.
7
8
Q
Noninverting Output. Typically terminate with 50
Ω resistor to VCC - 2V.
81
VCC
Positive Supply Voltage. Bypass from VCC to VEE with 0.1µF and 0.01µF ceramic
capacitors. Place the capacitors as close to the device as possible with the smaller
value capacitor closest to the device.
PIN
µMAX/SO
SOT23
NAME
FUNCTION
1
6
N.C.
No Connection
23
D
Inverting Differential Input. 60k
Ω pullup to VCC and 100kΩ pulldown to VEE.
3
4
D
Noninverting Differential Input. 100k
Ω pulldown to VEE.
45
VBB
Reference Output Voltage. Connect to the inverting or noninverting input to provide a
reference for single-ended operation. When used, bypass with a 0.01µF ceramic
capacitor to VCC; otherwise leave open.
52
VEE
Negative Supply Voltage
6
8
Q
Noninverting Output. Typically terminate with 50
Ω resistor to VCC - 2V.
77
Q
Inverting Output. Typically terminate with 50
Ω resistor to VCC - 2V.
81
VCC
Positive Supply Voltage. Bypass from VCC to VEE with 0.1µF and 0.01µF ceramic
capacitors. Place the capacitors as close to the device as possible with the smaller
value capacitor closest to the device.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com