Electronic Components Datasheet Search
  English  ▼

X  

MAX9321 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9321
Description  Differential LVPECL/LVECL/HSTL Receiver/Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9321 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9321 Datasheet HTML 1Page - Maxim Integrated Products MAX9321 Datasheet HTML 2Page - Maxim Integrated Products MAX9321 Datasheet HTML 3Page - Maxim Integrated Products MAX9321 Datasheet HTML 4Page - Maxim Integrated Products MAX9321 Datasheet HTML 5Page - Maxim Integrated Products MAX9321 Datasheet HTML 6Page - Maxim Integrated Products MAX9321 Datasheet HTML 7Page - Maxim Integrated Products MAX9321 Datasheet HTML 8Page - Maxim Integrated Products MAX9321 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Differential LVPECL/LVECL/HSTL
Receiver/Drivers
_______________________________________________________________________________________
5
35
10
-15
-40
60
85
SUPPLY CURRENT, IEE vs. TEMPERATURE
TEMPERATURE (°C)
15
16
17
18
14
19
20
500
2500
2000
1500
1000
0
3000 3500
OUTPUT AMPLITUDE, VOH - VOL
vs. FREQUENCY
FREQUENCY (MHz)
0.1
0.2
0.3
0.4
0.5
0
0.9
0.8
0.7
1.0
0.6
10
-15
-40
60
35
85
TRANSITION TIME vs. TEMPERATURE
TEMPERATURE (°C)
87
88
89
90
tR
tF
1.4
1.0
3.4
3.0
2.6
2.2
1.8
3.8
PROPAGATION DELAY vs. HIGH VOLTAGE
OF DIFFERENTIAL INPUT, VIHD
VIHD (V)
155
160
165
170
175
180
185
150
195
200
190
tPLHD
tPHLD
VIHD - VILD = 0.5V
10
-15
-40
60
35
85
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (°C)
130
140
150
120
190
200
160
170
180
tPLHD
tPHLD
Typical Operating Characteristics
(SO packages) (VCC = +3.3V, VEE = 0, input transition time = 125ps (20% to 80%), VIHD = VCC - 1V, VILD = VCC - 1.5V, fIN =
1.5GHz, outputs loaded with 50
Ω to VCC - 2V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com