Electronic Components Datasheet Search
  English  ▼

X  

MAX9321 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9321
Description  Differential LVPECL/LVECL/HSTL Receiver/Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9321 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9321 Datasheet HTML 1Page - Maxim Integrated Products MAX9321 Datasheet HTML 2Page - Maxim Integrated Products MAX9321 Datasheet HTML 3Page - Maxim Integrated Products MAX9321 Datasheet HTML 4Page - Maxim Integrated Products MAX9321 Datasheet HTML 5Page - Maxim Integrated Products MAX9321 Datasheet HTML 6Page - Maxim Integrated Products MAX9321 Datasheet HTML 7Page - Maxim Integrated Products MAX9321 Datasheet HTML 8Page - Maxim Integrated Products MAX9321 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Differential LVPECL/LVECL/HSTL
Receiver/Drivers
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC - VEE = +2.25V to +3.8V, outputs loaded with 50
Ω ±1% to VCC - 2.0V. Typical values are at VCC - VEE = +3.3V, VIHD = VCC - 1V,
VILD = VCC - 1.5V, unless otherwise noted.) (Notes 1–5)
AC ELECTRICAL CHARACTERISTICS
(VCC - VEE = +2.25V to +3.8V, outputs loaded with 50
Ω ±1% to VCC - 2V, input frequency = 1.5GHz, input transition time = 125ps
(20% to 80%), VIHD = VEE + 1.2V to VCC, VILD = VEE to VCC - 0.15V, VIHD - VILD = 0.15V to the smaller of 3V or VCC - VEE. Typical
values are at VCC - VEE = 3.3V, VIHD = VCC - 1V, VILD = VCC - 1.5V, unless otherwise noted.) (Notes 8, 11)
-40
°C
+25
°C
+85
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DIFFERENTIAL OUTPUT (Q, Q)
Single-Ended
Output High
Voltage
VOH
Figure 1
VCC -
1.135
VCC -
0.885
VCC -
1.07
VCC -
0.82
VCC -
1.01
VCC -
0.76
V
Single-Ended
Output Low
Voltage
VOL
Figure 1
VCC -
1.935
VCC -
1.685
VCC -
1.87
VCC -
1.62
VCC -
1.81
VCC -
1.56
V
Differential
Output Voltage
VOH -
VOL
Figure 1
550
550
550
mV
REFERENCE (VBB)
Reference
Voltage Output
(Note 6)
VBB
IBB =
±0.5mA
VCC -
1.55
VCC -
1.31
VCC -
1.445
VCC -
1.245
VCC -
1.385
VCC -
1.185
V
POWER SUPPLY
Supply Current
(Note 7)
IEE
16
24
17
24
18
24
mA
-40
°C
+25
°C
+85
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Differential
Input-to-
Output Delay
tPLHD,
tPHLD
Figure 2
145
184
235
145
172
245
130
167
230
ps
Part-to-Part
Skew (Note 9)
tSKPP
25
90
20
100
20
100
ps
fIN = 1.5GHz, Clock
pattern
1.7
2.8
1.7
2.8
1.7
2.8
Added
Random Jitter
(Note 10)
tRJ
fIN = 3.0GHz, Clock
pattern
0.6
1.5
0.6
1.5
0.6
1.5
ps
(RMS)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com