Electronic Components Datasheet Search
  English  ▼

X  

MAX9372ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9372ESA
Description  LVTTL/TTL-to-Differential LVPECL/PECL Translators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9372ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9372ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX9370/MAX9371/MAX9372 LVTTL/TTL-to-differ-
ential LVPECL/PECL translators are designed for high-
speed communication signal and clock driver
applications. The MAX9370/MAX9372 are dual
LVTTL/TTL-to-LVPECL/PECL translators that operate in
excess of 1GHz. The MAX9371 is a single translator.
The MAX9370/MAX9371 operate over a wide 3.0V to
5.25V supply range, allowing high-performance clock
or data distribution in systems with a nominal 3.3V or
5.0V supply. The MAX9372 is designed to operate from
3.0V to 3.6V.
The devices default to output high if the input is discon-
nected. They feature low 270ps propagation delay. The
MAX9370/MAX9371/MAX9372 employ industry-stan-
dard flow-through pinouts. These devices are specified
for operation from -40°C to +85°C, and are offered in
space-saving, 8-pin SOT23, µMAX, and SO packages.
Applications
Precision Clock/Data Level Translation
Central Office Clock Distribution
DSLAM/DLC
Base Station
Mass Storage
Features
o Guaranteed 1GHz Operating Frequency at 600mV
Differential Output
o 270ps Propagation Delay
o 10ps Output-to-Output Skew (MAX9370/MAX9372)
o Wide Supply Range: 3.0V to 5.25V
(MAX9370/MAX9371)
o ESD Protection > 2kV (Human Body Model)
o Output High with Input Open
o Available in Small 8-Pin SOT23, µMAX, and SO
Packages
o Improved Upgrades to MC100EL22, MC100EPT20,
MC100EPT22
LVTTL/TTL-to-Differential LVPECL/PECL
Translators
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
MAX9370
MAX9371
MAX9372
TTL/LVTTL
INPUT
Q_
D
Q_
Z0 = 50
Ω
Z0 = 50
Ω
50
Ω
50
Ω
PECL/LVPECL
RECEIVER
VCC - 2.0V
Typical Operating Circuit
19-2377; Rev 0; 4/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX9370EKA-T*
-40°C to +85°C
8 SOT23-8
MAX9370EUA*
-40°C to +85°C
8 µMAX
MAX9370ESA
-40°C to +85°C
8 SO
MAX9371EKA-T*
-40°C to +85°C
8 SOT23-8
MAX9371EUA*
-40°C to +85°C
8 µMAX
MAX9371ESA
-40°C to +85°C
8 SO
MAX9372EKA-T*
-40°C to +85°C
8 SOT23-8
MAX9372EUA*
-40°C to +85°C
8 µMAX
MAX9372ESA
-40°C to +85°C
8 SO
*Future product—contact factory for availability.
Pin Configurations/Functional Diagrams appears at end of
data sheet.


Similar Part No. - MAX9372ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9374 MAXIM-MAX9374 Datasheet
167Kb / 9P
Differential LVPECL-to-LVDS Translators
19-2326; Rev 0; 1/02
MAX9374-MAX9374A MAXIM-MAX9374-MAX9374A Datasheet
167Kb / 9P
Differential LVPECL-to-LVDS Translators
19-2326; Rev 0; 1/02
MAX9374A MAXIM-MAX9374A Datasheet
167Kb / 9P
Differential LVPECL-to-LVDS Translators
19-2326; Rev 0; 1/02
MAX9374AEKA-T MAXIM-MAX9374AEKA-T Datasheet
167Kb / 9P
Differential LVPECL-to-LVDS Translators
19-2326; Rev 0; 1/02
MAX9374AESA MAXIM-MAX9374AESA Datasheet
167Kb / 9P
Differential LVPECL-to-LVDS Translators
19-2326; Rev 0; 1/02
More results

Similar Description - MAX9372ESA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Maxim Integrated Produc...
MAX9360 MAXIM-MAX9360 Datasheet
159Kb / 9P
LVTTL/TTL/CMOS-to-Differential LVECL/ ECL Translators
Rev 1; 7/02
logo
Semtech Corporation
SK10ELT21W SEMTECH-SK10ELT21W Datasheet
80Kb / 5P
Differential PECL to CMOS/TTL or LVPECL to LVCMOS/LVTTL Translator
logo
Maxim Integrated Produc...
MAX9374 MAXIM-MAX9374 Datasheet
167Kb / 9P
Differential LVPECL-to-LVDS Translators
19-2326; Rev 0; 1/02
logo
Micrel Semiconductor
SY89328L MICREL-SY89328L Datasheet
47Kb / 6P
3V LVTTL-TO-DIFFERENTIAL, LVPECL AND DIFFERENTIAL, LVPECL-TO-LVTTL TRANSLATOR
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
SY10EPT28L MICREL-SY10EPT28L Datasheet
115Kb / 7P
3V LVTTL-TO-DIFFERENTIAL LVPECL AND DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
logo
Maxim Integrated Produc...
MAX9420 MAXIM-MAX9420 Datasheet
352Kb / 13P
Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
MAX9360 MAXIM-MAX9360_08 Datasheet
100Kb / 8P
LVTTL/TTL/CMOS-to-Differential LVECL/ECL Translators
Rev 2; 12/08
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_15 Datasheet
88Kb / 8P
TTL to Differential PECL and Differential PECL
August, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com