Electronic Components Datasheet Search
  English  ▼

X  

MAX9372ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9372ESA
Description  LVTTL/TTL-to-Differential LVPECL/PECL Translators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9372ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9372ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Detailed Description
The MAX9370/MAX9371/MAX9372 LVTTL/TTL-to-differ-
ential LVPECL/PECL translators are designed for high-
speed communication signal and clock driver
applications. The MAX9370/MAX9372 are dual LVTTL-
to-LVPECL/PECL translators that operate in excess of
1GHz. The MAX9371 is a single translator. The
MAX9370/MAX9371 operate over a wide 3.0V to 5.25V
supply range, allowing high-performance clock or data
distribution in systems with a nominal 3.3V or 5.0V sup-
ply. The MAX9372 is optimized for 3.0V to 3.6V opera-
tion. These devices feature low 270ps propagation
delay and 40ps peak-to-peak deterministic jitter.
Inputs and Outputs
The MAX9370/MAX9371/MAX9372 inputs accept stan-
dard LVTTL/TTL levels. The input has pullup circuitry that
drives the outputs to a differential high if the inputs are
open. The outputs are differential LVPECL/PECL levels.
Applications Information
Output Termination
Terminate outputs with 50
Ω to VCC - 2V or use an equiv-
alent Thevenin termination. Use the same terminate on
each output for the lowest output-to-output skew. When a
single-ended signal is taken from a differential output,
terminate both outputs. For example, if Q is used as a
single-ended output, terminate both Q and Q.
LVTTL/TTL-to-Differential LVPECL/PECL
Translators
_______________________________________________________________________________________
5
Pin Description for the MAX9370/MAX9372
PIN
SO
µMAX
SOT23
NAME
FUNCTION
1
8
Q0
Noninverting Differential LVPECL/PECL Output 0. Typically terminate with 50
Ω resistor to VCC - 2V.
27
Q0
Inverting Differential LVPECL/PECL Output 0. Typically terminate with 50
Ω resistor to VCC - 2V.
3
6
Q1
Noninverting Differential LVPECL/PECL Output 1. Typically terminate with 50
Ω resistor to VCC - 2V.
45
Q1
Inverting Differential LVPECL/PECL Output 1. Typically terminate with 50
Ω resistor to VCC - 2V.
52
GND
Ground. Provide a low-impedance connection to ground plane.
6
4
D1
LVTTL/TTL Input 1. LVTTL/TTL input for translator corresponding to output Q1 and
Q1.
7
3
D0
LVTTL/TTL Input 0. LVTTL/TTL input for translator corresponding to output Q0 and
Q0.
81
VCC
Positive Supply Voltage. Bypass VCC to GND with 0.1µF and 0.01µF ceramic capacitors. Place the
capacitors as close to the device as possible with the smaller value capacitor closest to the device.
Pin Description for the MAX9371
PIN
SO
µMAX
SOT23
NAME
FUNCTION
1, 4, 6
4, 5, 8
N.C.
No Connection. No internal connection.
2
7
Q
Noninverting Differential LVPECL/PECL Output. Typically terminate with 50
Ω resistor to VCC - 2V.
36
Q
Inverting Differential LVPECL/PECL Output. Typically terminate with 50
Ω resistor to VCC - 2V.
52
GND
Ground. Provide a low-impedance connection to ground plane.
7
3
D
LVTTL/TTL Input
81
VCC
Positive Supply Voltage. Bypass VCC to GND with 0.1µF and 0.01µF ceramic capacitors. Place the
capacitors as close to the device as possible with the smaller value capacitor closest to the device.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com