Electronic Components Datasheet Search
  English  ▼

X  

MAX9372ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9372ESA
Description  LVTTL/TTL-to-Differential LVPECL/PECL Translators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9372ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX9372ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9372ESA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ensure that the output currents do not exceed the con-
tinuous safe output current limit or surge output current
limit as specified in the Absolute Maximum Ratings
table. Under all operating conditions, the device’s total
thermal limits should be observed.
Supply Bypassing
Bypass VCC to GND with high-frequency surface-mount
ceramic 0.1µF and 0.01µF capacitors in parallel and as
close to the device as possible, with the 0.01µF capaci-
tor closest to the device. Use multiple parallel vias to
minimize parasitic inductance.
PC Board Traces
Input and output trace characteristics affect the perfor-
mance of the MAX9370/MAX9371/MAX9372. Connect
each differential output to a 50
Ω characteristic impedance
trace. Minimize the number of vias to prevent impedance
discontinuities. Reduce reflections by maintaining the 50
Ω
characteristic impedance through connectors and across
cables. Reduce skew within a differential pair by match-
ing the electrical length of the traces.
Chip Information
TRANSISTOR COUNT: 358
PROCESS: Bipolar
LVTTL/TTL-to-Differential LVPECL/PECL
Translators
6
_______________________________________________________________________________________
D_
0V (DIFFERENTIAL)
20%
80%
20%
80%
tR
tF
Q_
Q_
Q_ - Q_
VIH
VIL
50%
tPLH
50%
VOH
VOL
VOH - VOL
VOH - VOL
VOH - VOL
tPHL
Figure 1. Input-to-Output Propagation Delay and Transition Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com