Electronic Components Datasheet Search
  English  ▼

X  

MAX982ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX982ESA
Description  Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX982ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX982ESA Datasheet HTML 5Page - Maxim Integrated Products MAX982ESA Datasheet HTML 6Page - Maxim Integrated Products MAX982ESA Datasheet HTML 7Page - Maxim Integrated Products MAX982ESA Datasheet HTML 8Page - Maxim Integrated Products MAX982ESA Datasheet HTML 9Page - Maxim Integrated Products MAX982ESA Datasheet HTML 10Page - Maxim Integrated Products MAX982ESA Datasheet HTML 11Page - Maxim Integrated Products MAX982ESA Datasheet HTML 12Page - Maxim Integrated Products MAX982ESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Ultra-Low-Power, Open-Drain,
Single/Dual-Supply Comparators
_______________________________________________________________________________________
9
Detailed Description
The MAX971–MAX974/MAX981–MAX984 comprise
various combinations of a micropower 1.182V reference
and micropower comparators. The Typical Operating
Circuit shows the MAX971/MAX981 configuration, and
Figures 1a–1d show the MAX9_2–MAX9_4 configurations.
Internal hysteresis in the MAX9_1, MAX982, and
MAX9_3 provides the easiest method for implementing
hysteresis. It also produces faster hysteresis action and
consumes much less current than circuits using external
positive feedback.
Power-Supply and Input Signal Ranges
This family of devices operates from a single 2.5V to 11V
power supply. The MAX9_1 and MAX9_4 have a
separate ground for the output driver, allowing operation
with dual supplies ranging from ±1.25V to ±5.5V.
Connect V- to GND when operating the MAX9_1 or
MAX9_4 from a single supply. The maximum total supply
voltage in this case is still 11V.
For proper comparator operation, the input signal can
range from the negative supply (V-) to within one volt of
the positive supply (V+ - 1V). The guaranteed common-
mode input voltage range extends from V- to (V+ -
1.3V). The inputs can be taken above and below the
supply rails by up to 300mV without damage.
OUTA
V-
INA+
INA-
OUTB
V+
INB+
INB-
MAX972
1 (A1)
2 (C2)
3 (C1)
4 (B1)
8 (A3)
7 (A2)
6 (C3)
5 (B3)
( ) BUMPS FOR THE UCSP
Figure 1a. MAX972 Functional Diagram
OUTA
V-
INA+
INB-
OUTB
V+
REF
HYST
MAX9_3
1
2
3
4
8
7
6
5
V-
Figure 1c. MAX973/MAX983 Functional Diagram
(Window Comparator)
OUTA
V-
INA+
INB+
OUTB
V+
REF
HYST
MAX982
1
2
3
4
8
7
6
5
V-
Figure 1b. MAX982 Functional Diagram
OUTA
V+
INA-
INA+
OUTD
GND
IND+
IND-
MAX9_4
2
3
4
5
15
14
13
12
16
11
10
9
1
6
7
8
OUTB
INB-
INB+
REF
OUTC
INC+
INC-
V-
Figure 1d. MAX974/MAX984 Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com