Electronic Components Datasheet Search
  English  ▼

X  

MAX982ESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX982ESA
Description  Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX982ESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX982ESA Datasheet HTML 7Page - Maxim Integrated Products MAX982ESA Datasheet HTML 8Page - Maxim Integrated Products MAX982ESA Datasheet HTML 9Page - Maxim Integrated Products MAX982ESA Datasheet HTML 10Page - Maxim Integrated Products MAX982ESA Datasheet HTML 11Page - Maxim Integrated Products MAX982ESA Datasheet HTML 12Page - Maxim Integrated Products MAX982ESA Datasheet HTML 13Page - Maxim Integrated Products MAX982ESA Datasheet HTML 14Page - Maxim Integrated Products MAX982ESA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Ultra-Low-Power, Open-Drain,
Single/Dual-Supply Comparators
______________________________________________________________________________________
11
__________Applications Information
Hysteresis
Hysteresis increases the comparators’ noise margin by
increasing the upper threshold and decreasing the
lower threshold (Figure 2).
Hysteresis (MAX9_1/MAX982/MAX9_3)
To add hysteresis to the MAX9_1, MAX982, or MAX9_3,
connect resistor R1 between REF and HYST, and
connect resistor R2 between HYST and V- (Figure 3). If
no hysteresis is required, connect HYST to REF. When
hysteresis is added, the upper threshold increases by
the same amount that the lower threshold decreases.
The hysteresis band (the difference between the upper
and lower thresholds, VHB) is approximately equal to
twice the voltage between REF and HYST. The HYST
input can be adjusted to a maximum voltage of REF
and to a minimum voltage of (REF - 50mV). The
maximum difference between REF and HYST (50mV)
will therefore produce a 100mV (max) hysteresis band.
Use the following equations to determine R1 and R2:
where IREF (the current sourced by the reference)
should not exceed the REF source capability, and
should be significantly larger than the HYST input
current. IREF values between 0.1µA and 4µA are usually
appropriate. If 2.4M
Ω is chosen for R2 (IREF = 0.5µA),
the equation for R1 and VHB can be approximated as:
When hysteresis is obtained in this manner for the
MAX982/MAX9_3, the same hysteresis applies to both
comparators.
Hysteresis (MAX972/MAX9_4)
Hysteresis can be implemented with any comparator
using positive feedback, as shown in Figure 4. This
approach generally draws more current than circuits
using the HYST pin on the MAX9_1/MAX982/MAX9_3,
and the high feedback impedance slows hysteresis. In
addition, because the output does not source current,
any increase in the upper threshold is dependent on
the
load
or
pullup
resistor
on
the
output.
Board Layout and Bypassing
Power-supply bypass capacitors are not needed if the
supply impedance is low, but 100nF bypass capacitors
should be used when the supply impedance is high or
when the supply leads are long. Minimize signal lead
lengths to reduce stray capacitance between the input
and output that might cause instability. Do not bypass
the reference output.
Window Detector
The MAX9_3 is ideal for making window detectors
(undervoltage/overvoltage detectors). The schematic is
shown in Figure 5, with component values selected for a
4.5V undervoltage threshold and a 5.5V overvoltage
threshold. Choose different thresholds by changing the
values of R1, R2, and R3. To prevent chatter at the
output when the supply voltage is close to a threshold,
hysteresis has been added using R4 and R5. Taken
alone, OUTA would provide an active-low undervoltage
indication, and OUTB would give an active-low
overvoltage indication. Wired-ORing the two outputs
provides an active-high, power-good signal.
The design procedure is as follows:
1) Choose the required hysteresis level and calculate
values for R4 and R5 according to the formulas in
the Hysteresis (MAX9_1/MAX982/MAX9_3) section.
In this example, ±5mV of hysteresis has been added
at the comparator input (VH = VHB/2). This means
that the hysteresis apparent at VIN will be larger
because of the input resistor divider.
R1 (k ) = V
(mV)
HB
Ω
R1 =
V
2
I
R2 =
1.182 –
V
2
I
HB
REF
HB
REF
×
()


GND
V-
V+
MAX9_4
OUT
RH
RPULLUP
VREF
VIN
V+
Figure 4. External Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com