Electronic Components Datasheet Search
  English  ▼

X  

MAX982ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX982ESA
Description  Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX982ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX982ESA Datasheet HTML 1Page - Maxim Integrated Products MAX982ESA Datasheet HTML 2Page - Maxim Integrated Products MAX982ESA Datasheet HTML 3Page - Maxim Integrated Products MAX982ESA Datasheet HTML 4Page - Maxim Integrated Products MAX982ESA Datasheet HTML 5Page - Maxim Integrated Products MAX982ESA Datasheet HTML 6Page - Maxim Integrated Products MAX982ESA Datasheet HTML 7Page - Maxim Integrated Products MAX982ESA Datasheet HTML 8Page - Maxim Integrated Products MAX982ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Ultra-Low-Power, Open-Drain,
Single/Dual-Supply Comparators
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—3V OPERATION (continued)
(V+ = 3V, V- = GND = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Note 1: The MAX972EBL is 100% tested at TA = +25°C. Temperature limits are guaranteed by design.
Note 2: MAX974/MAX984 comparators work below 2.5V; see Low-Voltage Operation section for more details.
Note 3: Low-to-high response time is the result of the 1M
Ω pullup and the 100pF capacitive load, based on three time constants.
A faster response time is achieved with a smaller RC.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Overdrive = 10mV
12
Response Time (High-to-Low
Transition)
TA = +25°C, 100pF load,
1M
Ω pullup to V+
Overdrive = 100mV
4
µs
Response Time (Low-to-High
Transition) (Note 3)
TA = +25°C, 100pF load, 1M
Ω pullup to V+
300
µs
MAX9_2/MAX9_3, IOUT = 0.8mA
V- + 0.4
Output Low Voltage
MAX9_1/MAX9_4, IOUT = 0.8mA
GND + 0.4
V
Output Leakage Current
VOUT = 11V
100
nA
REFERENCE
C temp range
1%
1.170
1.182
1.194
MAX971/MAX973/
MAX974
E temp range
2%
1.158
1.206
C temp range
2%
1.158
1.182
1.206
Reference Voltage
MAX981–MAX984
E temp range
3%
1.147
1.217
V
TA = +25°C15
25
Source Current
C/E temp ranges
6
µA
TA = +25°C8
15
Sink Current
C/E temp ranges
4
µA
Voltage Noise
100Hz to 100kHz
100
µVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com