Electronic Components Datasheet Search
  English  ▼

X  

MAX982ESA Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX982ESA
Description  Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX982ESA Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX982ESA Datasheet HTML 9Page - Maxim Integrated Products MAX982ESA Datasheet HTML 10Page - Maxim Integrated Products MAX982ESA Datasheet HTML 11Page - Maxim Integrated Products MAX982ESA Datasheet HTML 12Page - Maxim Integrated Products MAX982ESA Datasheet HTML 13Page - Maxim Integrated Products MAX982ESA Datasheet HTML 14Page - Maxim Integrated Products MAX982ESA Datasheet HTML 15Page - Maxim Integrated Products MAX982ESA Datasheet HTML 16Page - Maxim Integrated Products MAX982ESA Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Ultra-Low-Power, Open-Drain,
Single/Dual-Supply Comparators
______________________________________________________________________________________
15
*UCSP top mark is “ABC.”
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX971EPA
-40
°C to +85°C
8 Plastic Dip
MAX971ESA
-40
°C to +85°C
8 SO
MAX972CPA
0
°C to +70°C
8 Plastic Dip
MAX972CSA
0
°C to +70°C
8 SO
MAX972CUA
0
°C to +70°C
8 µMAX
MAX972EBL-T*
-40
°C to +85°C
8 UCSP-8
MAX972EPA
-40
°C to +85°C
8 Plastic Dip
MAX972ESA
-40
°C to +85°C
8 SO
MAX973CPA
0
°C to +70°C
8 Plastic Dip
MAX973CSA
0
°C to +70°C
8 SO
MAX973CUA
0
°C to +70°C
8 µMAX
MAX973EPA
-40
°C to +85°C
8 Plastic Dip
MAX973ESA
-40
°C to +85°C
8 SO
MAX974CPE
0
°C to +70°C
16 Plastic Dip
MAX974CSE
0
°C to +70°C
16 Narrow SO
MAX974EPE
-40
°C to +85°C
16 Plastic Dip
MAX974ESE
-40
°C to +85°C
16 Narrow SO
MAX981CPA
0
°C to +70°C
8 Plastic Dip
PART
TEMP RANGE
PIN-PACKAGE
MAX981CSA
0
°C to +70°C
8 SO
MAX981CUA
0
°C to +70°C
8 µMAX
MAX981EPA
-40
°C to +85°C
8 Plastic Dip
MAX981ESA
-40
°C to +85°C
8 SO
MAX982CPA
0
°C to +70°C
8 Plastic Dip
MAX982CSA
0
°C to +70°C
8 SO
MAX982CUA
0
°C to +70°C
8 µMAX
MAX982EPA
-40
°C to +85°C
8 Plastic Dip
MAX982ESA
-40
°C to +85°C
8 SO
MAX983CPA
0
°C to +70°C
8 Plastic Dip
MAX983CSA
0
°C to +70°C
8 SO
MAX983CUA
0
°C to +70°C
8 µMAX
MAX983EPA
-40
°C to +85°C
8 Plastic Dip
MAX983ESA
-40
°C to +85°C
8 SO
MAX984CPE
0
°C to +70°C
16 Plastic Dip
MAX984CSE
0
°C to +70°C
16 Narrow SO
MAX984EPE
-40
°C to +85°C
16 Plastic Dip
MAX984ESE
-40
°C to +85°C
16 Narrow SO
MAX971/MAX972/MAX973/MAX981/MAX982/MAX984
TRANSISTOR COUNT: 164
MAX974/MAX984 TRANSISTOR COUNT: 267
___________________Chip Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com