Electronic Components Datasheet Search
  English  ▼

X  

BF998WR Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF998WR
Description  N-channel dual-gate MOS-FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF998WR Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF998WR Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Sep 05
3
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF998WR
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−
12
V
ID
drain current
−
30
mA
IG1
gate 1 current
−±10
mA
IG2
gate 2 current
−±10
mA
Ptot
total power dissipation
up to Tamb =45 °C; see Fig.2; note 1 −
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
+150
°C
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
200
0
MLD154
150
400
200
300
100
Ptot
(mW)
T
( C)
amb
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com