Electronic Components Datasheet Search
  English  ▼

X  

BF998WR Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF998WR
Description  N-channel dual-gate MOS-FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF998WR Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF998WR Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Sep 05
4
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF998WR
THERMAL CHARACTERISTICS
Notes
1. Device mounted on a printed-circuit board.
2. Ts is the temperature at the soldering point of the source lead.
STATIC CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 °C; VG2-S = 4 V; ID = 10 mA; VDS = 8 V; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
350
K/W
Rth j-s
thermal resistance from junction to soldering point
note 2; Ts =90 °C
200
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)G1-SS
gate 1-source breakdown voltage
VG2-S =VDS = 0; IG1-S = 10 mA
6
20
V
V(BR)G2-SS
gate 2-source breakdown voltage
VG1-S =VDS = 0; IG2-S = 10 mA
6
20
V
V(P)G1-S
gate 1-source cut-off voltage
VG2-S =4V; VDS =8V; ID =20 µA
−−2.5
V
V(P)G2-S
gate 2-source cut-off voltage
VG1-S = 0; VDS =8V; ID =20 µA
−−2V
IDSS
drain-source current
VG2-S =4V; VDS =8V; VG1-S =0
2
18
mA
IG1-SS
gate 1 cut-off current
VG2-S =VDS = 0; VG1-S =5V
−
50
nA
IG2-SS
gate 2 cut-off current
VG1-S =VDS = 0; VG2-S =5V
−
50
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
y
fs
forward transfer admittance
pulsed; Tj =25 °C22
25
−
mS
Cig1-s
input capacitance at gate 1
f = 1 MHz
−
2.1
2.5
pF
Cig2-s
input capacitance at gate 2
f = 1 MHz
−
1.2
−
pF
Cos
drain-source capacitance
f = 1 MHz
−
1.05
−
pF
Crs
reverse transfer capacitance f = 1 MHz
−
25
−
fF
F
noise figure
f = 200 MHz; GS = 2 mS; BS =BSopt
−
0.6
−
dB
f = 800 MHz; GS = 3.3 mS; BS =BSopt −
1
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com