Electronic Components Datasheet Search
  English  ▼

X  

BF998WR Datasheet(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF998WR
Description  N-channel dual-gate MOS-FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF998WR Datasheet(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF998WR Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Sep 05
5
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF998WR
Fig.3 Transfer characteristics; typical values.
VDS =8V.
Tamb =25 °C.
0
24
16
8
0
1
1
MGC471
I D
(mA)
V
(V)
G1 S
V
= 4 V
3 V
2 V
1 V
0 V
G2 S
Fig.4 Output characteristics; typical values.
VG2-S =4V.
Tamb =25 °C.
0
24
16
8
0
210
MGC470
46
8
I D
(mA)
V
(V)
DS
0.4 V
0.3 V
0.2 V
0.1 V
−0.1 V
0 V
V
=
G1 S
−0.2 V
−0.3 V
−0.4 V
−0.5 V
VDS = 8 V; VG2 = 4 V; Tamb =25 °C.
Fig.5
Drain current as a function of gate 1 voltage;
typical values.
−1600
400
24
0
8
16
MGC472
−1200
−800
−400
0
max
typ
min
ID
(mS)
V
(mV)
G1
Fig.6
Forward transfer admittance as a function
of drain current; typical values.
VDS = 8 V; Tamb =25 °C.
020
30
0
6
MGC473
12
18
24
4
8
12
16
y fs
(mS)
I
(mA)
D
V
= 0 V
G2
− S
0.5 V
4 V
3 V
2 V
1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com