Electronic Components Datasheet Search
  English  ▼

X  

BF998WR Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF998WR
Description  N-channel dual-gate MOS-FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF998WR Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF998WR Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1997 Sep 05
6
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF998WR
Fig.7
Forward transfer admittance as a function
of gate 1 voltage; typical values.
VDS = 8 V; Tamb =25 °C.
−11
30
0
6
MGC474
12
18
24
0
V
(V)
G1-S
y fs
(mS)
3 V
2 V
1 V
0 V
V
= 4 V
G2 S
Fig.8
Output capacitance as a function of
drain-source voltage; typical values.
VG2-S = 4 V; f = 1 MHz; Tamb =25 °C.
414
1.5
1.0
1.1
MGC475
1.2
1.3
1.4
6
8
10
12
VDS(V)
Cos
(pF)
12 mA
10 mA
8 mA
ID =
Fig.9
Gate 1 input capacitance as a function of
gate 1-source voltage; typical values.
VDS = 8 V; VG2-S = 4 V; f = 1 MHz; Tamb =25 °C.
−2.4
−1.6
−0.8
0.8
2.4
1.4
2.2
MGC476
0
2.0
1.8
1.6
Cis
(pF)
V
(mV)
G1-S
Fig.10 Gate 1 input capacitance as a function of
gate 2-source voltage; typical values.
VDS = 8 V; VG1-S = 0 V; f = 1 MHz; Tamb =25 °C.
64
2
−2
2.4
2.3
2.1
2.0
2.2
MGC477
0
Cis
(pF)
V
(V)
G2-S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com