Electronic Components Datasheet Search
  English  ▼

X  

PCM4202IDBREP Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM4202IDBREP
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4202IDBREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM4202IDBREP Datasheet HTML 5Page - Texas Instruments PCM4202IDBREP Datasheet HTML 6Page - Texas Instruments PCM4202IDBREP Datasheet HTML 7Page - Texas Instruments PCM4202IDBREP Datasheet HTML 8Page - Texas Instruments PCM4202IDBREP Datasheet HTML 9Page - Texas Instruments PCM4202IDBREP Datasheet HTML 10Page - Texas Instruments PCM4202IDBREP Datasheet HTML 11Page - Texas Instruments PCM4202IDBREP Datasheet HTML 12Page - Texas Instruments PCM4202IDBREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
PASSBAND RIPPLE C HARACTERISTICS
DUAL RATE FILTER
0.02
0
– 0.02
– 0 .0 4
– 0 .0 6
– 0 .0 8
– 0 .1
0
0 .1
0 .2
0 .3
0 .4
0 .5
0 .6
N o rm a liz e d F re q u e n cy (f
S )
f
S = 9 6 k H z
TRANSIENT BAND CHARACTERISTIC S
DUAL RATE FILTER
Normalized Frequency (f
S)
f
S = 96 kH z
0
- 1
- 2
- 3
- 4
- 5
- 6
- 7
- 8
- 9
- 1 0
0 .5 1
0 .4 9
0 .4 7
0 .4 5
0 .5 3
0 .5 5
OVERALL CHARACTERISTICS
QUAD RATE FILTER
Normalized Frequency (f
S)
50
0
- 50
- 1 0 0
- 1 5 0
- 2 0 0
0 .1
0 .2
0 .3
0 .4
0 .5
0 .6
0 .7
0 .8
0 .9
1
0
f
S = 1 92 k H z
STOP BAND ATTENUATION CHARACTERISTICS
QUAD RATE FILTER
0
0.25
0.5
0.75
1
Norm alized Frequency (f
S )
f
S = 19 2 kH z
0
- 1 0
- 2 0
- 3 0
- 4 0
- 5 0
- 6 0
- 7 0
- 8 0
- 9 0
- 1 0 0
- 1 1 0
- 1 2 0
- 1 3 0
- 1 4 0
- 1 5 0
PASSBAND RIPPLE CHARACTERISTICS
QUAD RATE FILTER
0.02
0
- 0 .02
- 0 .0 4
- 0 .0 6
- 0 .0 8
- 0 . 1
0
0 .1
0 .2
0 .3
0 .4
0 .5
0 .6
N o rm a liz e d F re q u e n c y (f
S )
f
S = 1 92 kH z
TRANSIENT BAND CHARACTERISTICS
QUAD RATE FILTER
Norm alized Frequency (f
S)
0
- 1
- 2
- 3
- 4
- 5
- 6
- 7
- 8
- 9
- 1 0
0 .5 1
0 .4 9
0 .4 7
0 .4 5
0 .5 3
0 .5 5
f
S = 1 9 2 k H z
- 3 .9 0 d B a t 0 .5 fS
PCM4202-EP
www.ti.com
SGLS388
– JUNE 2007
TYPICAL CHARACTERISTICS (continued)
All parameters are specified at TA = 25°C with VCC = 5 V, VDD = 3.3 V, and a measurement bandwidth from 20 Hz to 20 kHz,
unless otherwise noted.
Copyright
© 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PCM4202-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com