Electronic Components Datasheet Search
  English  ▼

X  

PCM4202IDBREP Datasheet(PDF) 14 Page - Texas Instruments

Part # PCM4202IDBREP
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4202IDBREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM4202IDBREP Datasheet HTML 10Page - Texas Instruments PCM4202IDBREP Datasheet HTML 11Page - Texas Instruments PCM4202IDBREP Datasheet HTML 12Page - Texas Instruments PCM4202IDBREP Datasheet HTML 13Page - Texas Instruments PCM4202IDBREP Datasheet HTML 14Page - Texas Instruments PCM4202IDBREP Datasheet HTML 15Page - Texas Instruments PCM4202IDBREP Datasheet HTML 16Page - Texas Instruments PCM4202IDBREP Datasheet HTML 17Page - Texas Instruments PCM4202IDBREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
PCM4202-EP
SGLS388
– JUNE 2007
www.ti.com
ANALOG OUTPUTS
The PCM4202 includes two channels of A/D conversion, each with its own pair of differential voltage input pins.
The VINL+ (pin 4) and VINL– (pin 5) inputs correspond to Left channel input, while VINR+ (pin 25) and VINR– (pin
24) correspond to the Right channel input. The average input impedance of each input pin is 3 k
Ω.
Each analog input pair accepts a full-scale input voltage of approximately 6 VPP differential, which corresponds to
a 2.12 VRMS or 8.75 dBu input swing. The analog input should not swing below analog ground or above the VCC
power supply by more than 300 mV. Refer to the Applications Information section of this datasheet for an
example input buffer circuit.
VOLTAGE REFERENCES AND COMMON MODE BIAS VOLTAGES OUTPUTS
The PCM4202 includes two on-chip voltage references, one each for the Left and Right channels. The VREFL (pin
1) and VREFR (pin 28) outputs correspond to high reference outputs for Left and Right channels, respectively.
De-coupling capacitors are connected between each of these pins and the corresponding reference ground pin,
either AGNDL (pin 2) for the VREFL output or AGNDR (pin 27) for the VREFR output. It is recommended to have at
least a 0.1
μF X7R ceramic chip capacitor connected in parallel with a 33 μF low ESR tantalum chip capacitor for
de-coupling purposes. The VREFL and VREFR outputs should not be utilized to bias external circuitry, because
they are not buffered. Use the VCOML (pin 3) and VCOMR (pin 26) outputs to bias external circuitry, as described
in the following paragraphs.
Refer to the Applications Information section of this datasheet for the recommended voltage reference pin
connections.
The PCM4202 analog inputs are internally biased to approximately VCC/2. This bias voltage is referred to as the
common mode voltage, and is output at VCOML (pin 3) and VCOMR (pin 26), corresponding to the Left and Right
channels, respectively. These outputs provide a level shifting voltage for biasing external input buffer circuitry.
Although the VCOML and VCOMR outputs are internally buffered, the output current is limited to a few hundred μA.
It is recommended to connect these pins to external nodes with greater than 1 M
Ω impedance, or to buffer the
outputs with a voltage follower circuit when driving multiple external or low impedance nodes.
Refer to the Applications Information section of this datasheet for an example input buffer circuit that utilizes
the common-mode bias voltage outputs.
SYSTEM CLOCK INPUT
The PCM4202 requires an external system clock, from which the modulator oversampling and digital sub-system
clocks are derived. The system clock is applied at the SCKI input (pin 18). The frequency of the system clock is
dependent upon the desired PCM output sampling frequency or DSD data rate, along with the sampling mode
selection. Table 1 shows the corresponding system clock frequencies for common output sampling and data
rates, along with the corresponding sampling modes. Timing requirements for the system clock are shown in
Figure 2.
Table 1. System Clock Frequencies for Common Output Sampling and Data Rates
SAMPLING
�FREQUENCY,�f
SYSTEM CLOCK FREQUENCY (MHz)
SAMPLING
S
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
MODE
(kHz)
Single Rate
32
n/a
n/a
8.192
12.288
16.384
24.576
Single Rate
44.1
n/a
n/a
11.2896
16.9344
22.5792
33.8688
Single Rate
48
n/a
n/a
12.288
18.432
24.576
36.864
Dual Rate
88.2
n/a
n/a
22.5792
33.8688
n/a
n/a
Dual Rate
96
n/a
n/a
24.576
36.864
n/a
n/a
Quad Rate
176.4
22.5792
33.8688
n/a
n/a
n/a
n/a
Quad Rate
192
24.576
36.864
n/a
n/a
n/a
n/a
DSD Output
128 fS Data (Single Rate)
n/a
n/a
11.2896
16.9344
22.5792
33.8688
DSD Output
64 fS Data (Dual Rate)
n/a
n/a
11.2896
16.9344
n/a
n/a
14
Submit Documentation Feedback
Copyright
© 2007, Texas Instruments Incorporated
Product Folder Link(s): PCM4202-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com