Electronic Components Datasheet Search
  English  ▼

X  

PCM4202IDBREP Datasheet(PDF) 20 Page - Texas Instruments

Part # PCM4202IDBREP
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4202IDBREP Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM4202IDBREP Datasheet HTML 16Page - Texas Instruments PCM4202IDBREP Datasheet HTML 17Page - Texas Instruments PCM4202IDBREP Datasheet HTML 18Page - Texas Instruments PCM4202IDBREP Datasheet HTML 19Page - Texas Instruments PCM4202IDBREP Datasheet HTML 20Page - Texas Instruments PCM4202IDBREP Datasheet HTML 21Page - Texas Instruments PCM4202IDBREP Datasheet HTML 22Page - Texas Instruments PCM4202IDBREP Datasheet HTML 23Page - Texas Instruments PCM4202IDBREP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
1024 System Clock Periods
Required for Initialization
System Clock
Indeterminate
or Inactive
SCKI
~ 2.0V
~ 4.0V
0V
0V
0V
0V
Internal
Reset
V
CC
V
DD
PCM4202-EP
SGLS388
– JUNE 2007
www.ti.com
RESET OPERATION
The PCM4202 includes two reset functions: power-on and externally controlled. This section describes the
operation of each of these functions.
On power-up, the internal reset signal is forced low, forcing the PCM4202 into a reset state. The power-on reset
circuit monitors the VDD (pin 14) and VCC (pin 22) power supplies. When the VDD supply exceeds 2 V (±400 mV)
and the VCC supply exceeds 4 V (±400 mV), the internal reset signal is forced high. The PCM4202 then waits for
the system clock input (SCKI) to become active. Once the system clock has been detected, the initialization
sequence begins. The initialization sequence requires 1024 system clock periods for completion. During the
initialization sequence, the ADC output data pins are forced low. Once the initialization sequence is completed,
the PCM4202 output is enabled. Figure 8 shows the power-on reset sequence timing.
The user may force a reset initialization sequence at any time while the system clock input is active by utilizing
the RST input (pin 19). The RST input is active low, and requires a minimum low pulse width of 40 ns. The
low-to-high transition of the applied reset signal forces an initialization sequence to begin. As in the case of the
power-on reset, the initialization sequence requires 1024 system clock periods for completion. Figure 9 illustrates
the reset sequence initiated when using the RST input.
Figure 10 shows the state of the audio data outputs for the PCM4202 before, during and after the reset
operations.
Figure 8. Power-Up Reset Timing
20
Submit Documentation Feedback
Copyright
© 2007, Texas Instruments Incorporated
Product Folder Link(s): PCM4202-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com