Electronic Components Datasheet Search
  English  ▼

X  

PCM4202IDBREP Datasheet(PDF) 11 Page - Texas Instruments

Part # PCM4202IDBREP
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4202IDBREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM4202IDBREP Datasheet HTML 7Page - Texas Instruments PCM4202IDBREP Datasheet HTML 8Page - Texas Instruments PCM4202IDBREP Datasheet HTML 9Page - Texas Instruments PCM4202IDBREP Datasheet HTML 10Page - Texas Instruments PCM4202IDBREP Datasheet HTML 11Page - Texas Instruments PCM4202IDBREP Datasheet HTML 12Page - Texas Instruments PCM4202IDBREP Datasheet HTML 13Page - Texas Instruments PCM4202IDBREP Datasheet HTML 14Page - Texas Instruments PCM4202IDBREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
FFT PLOT
(f
S = 9 6 kH z, fIN = 9 97 H z a t - 60 d B )
Frequency (Hz)
0
- 2 0
- 4 0
- 6 0
- 8 0
- 1 0 0
- 1 2 0
- 1 4 0
- 1 6 0
- 1 8 0
1 k
1 0 0
2 0
1 0 k
4 0 k
FFT PLOT
(f
S = 96 kH z , N o Inp u t [Idle ])
Frequency (Hz)
0
- 2 0
- 4 0
- 6 0
- 8 0
- 1 0 0
- 1 2 0
- 1 4 0
- 1 6 0
- 1 8 0
1 k
1 0 0
2 0
1 0 k
4 0 k
FFT PLOT
(f
S = 19 2 kH z , fIN = 9 97 H z a t - 20 d B )
Frequency (Hz)
0
- 2 0
- 4 0
- 6 0
- 8 0
- 1 0 0
- 1 2 0
- 1 4 0
- 1 6 0
- 1 8 0
1 k
1 0 0
2 0
1 0 k
1 0 0 k
FFT PLOT
(f
S = 1 9 2 k H z, fIN = 99 7 H z a t - 60 d B)
Frequency (Hz)
0
- 2 0
- 4 0
- 6 0
- 8 0
- 1 0 0
- 1 2 0
- 1 4 0
- 1 6 0
- 1 8 0
1 k
1 0 0
2 0
1 0 k
1 0 0 k
FFT PLOT
(f
S = 1 9 2 k H z, N o In pu t [Id le])
Frequency (Hz)
0
- 2 0
- 4 0
- 6 0
- 8 0
- 1 0 0
- 1 2 0
- 1 4 0
- 1 6 0
- 1 8 0
1 k
1 0 0
2 0
1 0 k
1 0 0 k
THD+N vs AM PLITUDE
(f
S = 4 8 kH z , fIN = 1 kH z , B W = 1 0 H z to 2 0 k H z)
Input Amplitude (dB)
-
90
- 9 2
- 9 4
- 9 6
- 9 8
- 1 0 0
- 1 0 2
- 1 0 4
- 1 0 6
- 1 0 8
- 1 1 0
- 1 1 2
- 1 1 4
- 1 1 6
- 1 1 8
- 1 2 0
– 8 0
– 6 0
– 1 2 0
– 1 0 0
– 1 4 0
– 4 0
– 2 0
0
PCM4202-EP
www.ti.com
SGLS388
– JUNE 2007
TYPICAL CHARACTERISTICS (continued)
All parameters are specified at TA = 25°C with VCC = 5 V, VDD = 3.3 V, and a measurement bandwidth from 20 Hz to 20 kHz,
unless otherwise noted.
Copyright
© 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): PCM4202-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com