Electronic Components Datasheet Search
  English  ▼

X  

TLE7250 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE7250
Description  High Speed CAN-Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE7250 Datasheet HTML 26Page - Infineon Technologies AG TLE7250 Datasheet HTML 27Page - Infineon Technologies AG TLE7250 Datasheet HTML 28Page - Infineon Technologies AG TLE7250 Datasheet HTML 29Page - Infineon Technologies AG TLE7250 Datasheet HTML 30Page - Infineon Technologies AG TLE7250 Datasheet HTML 31Page - Infineon Technologies AG TLE7250 Datasheet HTML 32Page - Infineon Technologies AG TLE7250 Datasheet HTML 33Page - Infineon Technologies AG TLE7250 Datasheet HTML 34Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
TLE7250LE
TLE7250SJ
Package Outline
Data Sheet
32
Rev. 1.0, 2015-08-12
9
Package Outline
Figure 15
PG-TSON-8 (Plastic Thin Small Outline Nonleaded PG-TSON-8-1)
Figure 16
PG-DSO-8 (Plastic Dual Small Outline PG-DSO-8-44)
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products and to be compliant with
government regulations the device is available as a green product. Green products are RoHS compliant (i.e
Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020).
Pin 1 Marking
Pin 1 Marking
PG-TSON-8-1-PO V01
±0.1
2.4±0.1
0.1
±0.1
0.3
±0.1
0.38
±0.1
0.3
±0.1
0.65
±0.1
3
0.05
0.07 MIN.
Z (4:1)
Z
0.35 x 45˚
1)
-0.2
4
C
0.64
±0.2
6
±0.25
0.2
8x
M
C
1.27
+0.1
0.41
0.2 M A
-0.06
B
8x
B
2)
Index Marking
5-0.2
1)
4
1
85
A
1) Does not include plastic or metal protrusion of 0.15 max. per side
2) Lead width can be 0.61 max. in dambar area
GPS01181
0.1
For further information on alternative packages, please visit our website:
http://www.infineon.com/packages.
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com