Electronic Components Datasheet Search
  English  ▼

X  

TLE7250 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE7250
Description  High Speed CAN-Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE7250 Datasheet HTML 14Page - Infineon Technologies AG TLE7250 Datasheet HTML 15Page - Infineon Technologies AG TLE7250 Datasheet HTML 16Page - Infineon Technologies AG TLE7250 Datasheet HTML 17Page - Infineon Technologies AG TLE7250 Datasheet HTML 18Page - Infineon Technologies AG TLE7250 Datasheet HTML 19Page - Infineon Technologies AG TLE7250 Datasheet HTML 20Page - Infineon Technologies AG TLE7250 Datasheet HTML 21Page - Infineon Technologies AG TLE7250 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
TLE7250LE
TLE7250SJ
Electrical Characteristics
Data Sheet
18
Rev. 1.0, 2015-08-12
7
Electrical Characteristics
7.1
Functional Device Characteristics
Table 6
Electrical characteristics
4.5 V <
V
CC <5.5 V; RL =60 Ω; -40 °C < Tj < 150 °C; all voltages with respect to ground; positive current flowing
into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ.
Max.
Current Consumption
Current consumption at
V
CC
normal-operating mode
I
CC
–
2.6
5
mA “recessive” state,
V
TxD = VNRM = VCC,
V
NEN =0V;
P_7.1.1
Current consumption at
V
CC
normal-operating mode
I
CC
–
38
60
mA “dominant” state,
V
TxD = VNEN =0V,
V
NRM = VCC;
P_7.1.2
Current consumption at
V
CC
receive-only mode
I
CC(ROM)
–23
mA
V
NEN = VNRM = 0 V;
P_7.1.3
Current consumption at
V
CC
power-save mode
I
CC(PSM)
–512
µA
V
TxD = VNEN = VNRM = VCC;
P_7.1.4
Supply Resets
V
CC undervoltage monitor
rising edge
V
CC(UV,R)
3.8
4.0
4.3
V
–
P_7.1.5
V
CC undervoltage monitor
falling edge
V
CC(UV,F)
3.65
3.85
4.3
V
–
P_7.1.52
V
CC undervoltage monitor
hysteresis
V
CC(UV,H)
–150
–
mV 1)
P_7.1.6
V
CC undervoltage delay time
t
Delay(UV)
––100
µs
1) (see Figure 6);
P_7.1.7
Receiver Output RxD
“High” level output current
I
RD,H
–-4
-2
mA
V
RxD = VCC -0.4 V,
V
Diff <0.5 V;
P_7.1.8
“Low” level output current
I
RD,L
24–
mA
V
RxD =0.4 V, VDiff > 0.9 V;
P_7.1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com