Electronic Components Datasheet Search
  English  ▼

X  

TLE7250 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE7250
Description  High Speed CAN-Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE7250 Datasheet HTML 4Page - Infineon Technologies AG TLE7250 Datasheet HTML 5Page - Infineon Technologies AG TLE7250 Datasheet HTML 6Page - Infineon Technologies AG TLE7250 Datasheet HTML 7Page - Infineon Technologies AG TLE7250 Datasheet HTML 8Page - Infineon Technologies AG TLE7250 Datasheet HTML 9Page - Infineon Technologies AG TLE7250 Datasheet HTML 10Page - Infineon Technologies AG TLE7250 Datasheet HTML 11Page - Infineon Technologies AG TLE7250 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TLE7250LE
TLE7250SJ
Functional Description
Data Sheet
8
Rev. 1.0, 2015-08-12
4
Functional Description
HS CAN is a serial bus system that connects microcontrollers, sensors and actuators for real-time control
applications. The use of the Controller Area Network (abbreviated CAN) within road vehicles is described by the
international standard ISO 11898. According to the 7-layer OSI reference model the physical layer of a HS CAN
bus system specifies the data transmission from one CAN node to all other available CAN nodes within the
network. The physical layer specification of a CAN bus system includes all electrical and mechanical specifications
of a CAN network. The CAN transceiver is part of the physical layer specification. Several different physical layer
standards of CAN networks have been developed in recent years. The TLE7250 is a High Speed CAN transceiver
without a wake-up function and defined by the international standard ISO11898-2.
4.1
High Speed CAN Physical Layer
Figure 3
High speed CAN bus signals and logic signals
TxD
VCC
t
t
VCC
CANH
CANL
t
VCC
VDiff
RxD
VCC
t
VCC
=
Transmitter supply voltage
TxD =
Transmit data input from
the microcontroller
RxD =
Receive data output to
the microcontroller
CANH =
Bus level on the CANH
input/output
CANL =
Bus level on the CANL
input/output
VDiff =
Differential voltage
between CANH and CANL
VDiff = VCANH – VCANL
“dominant” receiver threshold
“recessive” receiver threshold
tLoop(H,L)
tLoop(L,H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com