Electronic Components Datasheet Search
  English  ▼

X  

TLE7250 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE7250
Description  High Speed CAN-Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE7250 Datasheet HTML 15Page - Infineon Technologies AG TLE7250 Datasheet HTML 16Page - Infineon Technologies AG TLE7250 Datasheet HTML 17Page - Infineon Technologies AG TLE7250 Datasheet HTML 18Page - Infineon Technologies AG TLE7250 Datasheet HTML 19Page - Infineon Technologies AG TLE7250 Datasheet HTML 20Page - Infineon Technologies AG TLE7250 Datasheet HTML 21Page - Infineon Technologies AG TLE7250 Datasheet HTML 22Page - Infineon Technologies AG TLE7250 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
TLE7250LE
TLE7250SJ
Electrical Characteristics
Data Sheet
19
Rev. 1.0, 2015-08-12
Transmission Input TxD
“High” level input voltage
threshold
V
TxD,H
–0.5
×
V
CC
0.7
×
V
CC
V
“recessive” state;
P_7.1.10
“Low” level input voltage
threshold
V
TxD,L
0.3
×
V
CC
0.4
×
V
CC
–
V
“dominant” state;
P_7.1.11
Pull-up resistance
R
TxD
10
25
50
kΩ
–
P_7.1.12
Input hysteresis
V
HYS(TxD)
–450
–
mV 1)
P_7.1.13
Input capacitance
C
TxD
––10
pF
1)
P_7.1.14
TxD permanent “dominant”
time-out
t
TxD
4.5
–
16
ms
normal-operating mode;
P_7.1.15
Not Enable Input NEN
“High” level input voltage
threshold
V
NEN,H
–0.5
×
V
CC
0.7
×
V
CC
V
power-save mode;
P_7.1.16
“Low” level input voltage
threshold
V
NEN,L
0.3
×
V
CC
0.4
×
V
CC
–
V
normal-operating mode,
receive-only mode;
P_7.1.17
Pull-up resistance
R
NEN
10
25
50
k
Ω
–
P_7.1.18
Input capacitance
C
NEN
––10
pF
1)
P_7.1.19
Input hysteresis
V
HYS(NEN)
–200
–
mV 1)
P_7.1.20
Not Receive-only Input NRM
“High” level input voltage
threshold
V
NRM,H
–0.5
×
V
CC
0.7
×
V
CC
V
normal-operating mode,
power-save mode;
P_7.1.21
“Low” level input voltage
threshold
V
NRM,L
0.3
×
V
CC
0.4
×
V
CC
–
V
receive-only mode, power-
save mode;
P_7.1.22
Pull-up resistance
R
NRM
10
25
50
k
Ω
–
P_7.1.23
Input capacitance
C
NRM
––10
pF
1)
P_7.1.24
Input hysteresis
V
NRM(HYS)
–200
–
mV 1)
P_7.1.25
Bus Receiver
Differential receiver
threshold “dominant”
normal-operating mode and
receive-only mode
V
Diff_D
–
0.75
0.9
V
2)
P_7.1.26
Differential receiver
threshold “recessive”
normal-operating mode and
receive-only mode
V
Diff_R
0.5
0.66
–
V
2)
P_7.1.27
Common mode range
CMR
-12
–
12
V
V
CC = 5 V;
P_7.1.28
Differential receiver
hysteresis normal-operating
mode
V
Diff,hys
–90
–
mV 1)
P_7.1.29
CANH, CANL input
resistance
R
i
10
20
30
kΩ
“recessive” state;
P_7.1.30
Table 6
Electrical characteristics (cont’d)
4.5 V <
V
CC <5.5 V; RL =60 Ω; -40 °C < Tj < 150 °C; all voltages with respect to ground; positive current flowing
into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com