Electronic Components Datasheet Search
  English  ▼

X  

BL8052 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL8052
Description  12V, 30mA Flash Memory Programming Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8052 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL8052 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.belling.com.cn
4
BL8052
TYPICAL PERFORMANCE CHARACTERISTICS
(Tested under TA=25C, unless otherwise specified)
LOAD TRANSIENT RESPONSE
C1: Output Voltage Ripple, Vcc=5.0V
C4: Output Current, Iout=0mA to 30mA
LINE TRANSIENT RESPONSE
C1: Output Voltage Ripple
C3: Supply Voltage, Vcc=4.5V to 5.5V, Iout=10mA
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
60
Iout(mA)
EFFICIENCY vs. LOAD CURRENT
Vcc=5.5V
Vcc=5V
Vcc=4.75V
Vcc=4.5V
Vcc=3.2V
0
2
4
6
8
10
12
14
0
10
20
30
40
50
60
Iout(mA)
OUTPUT VOLTAGE vs. OUTPUT
CURRENT
Vcc=5.5V
Vcc=5V
Vcc=4.75V
Vcc=4.5V
Vcc=3.2V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com