Electronic Components Datasheet Search
  English  ▼

X  

BL8052 Datasheet(PDF) 5 Page - SHANGHAI BELLING CO., LTD.

Part # BL8052
Description  12V, 30mA Flash Memory Programming Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8052 Datasheet(HTML) 5 Page - SHANGHAI BELLING CO., LTD.

  BL8052 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.belling.com.cn
5
BL8052
DETAILED DESCRIPTION
BL8052 is a charge-pump IC. It can provide a 12V regulated output 30mA from voltage input as low as
4.75 without any inductors. It is useful for a wide range of applications and its performances makes it ideal for
flash memory programming supply.
Figure 1 is a simplified block diagram of BL8052. When the S1 switches are closed and the S2 switches
are open, capacitors C1 and C2 are charged up to VCC. And then the S1 switches are opened and the S2
switches are closed, capacitors C1 and C2 are connected in series between VCC and VOUT. A feedback
scheme adjusts the output voltage to 12V ±5%.
A good layout design is strongly recommended for noise reason. Very short connections to the
capacitors should be used for best performance. C3 and C4 must have low ESR in order to minimize the
output ripple. C1 and C2 should use ceramic or tantalum capacitors in the 0.22μF to 1.0μF range.
PACKAGE OUTLINE
Package
SOP8
Devices per reel
2500
Unit
mm
Package specification:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com