Electronic Components Datasheet Search
  English  ▼

X  

BL8052 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8052
Description  12V, 30mA Flash Memory Programming Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8052 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8052 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.belling.com.cn
1
+12V, 30mA Flash Memory Programming Supply
BL8052
DESCRIPTION
The BL8052 is a regulated +12V, 30mA-output,
chargepump DC-DC converter. It provides the
necessary +12V ±5% output to program byte-
wide flash memories, and requires no inductors
to deliver a guaranteed 30mA output from inputs
as low as 4.75V. It fits into less than 0.1in2 of
board space. The BL8052 is a pin-compatible
upgrade to the BL8052, and is recommended for
new designs. The BL8052 offers lower quiescent
and shutdown currents, and guarantees the
output current over all temperature ranges.
The BL8052 is the first charge-pump boost
converter to provide a regulated +12V output. It
requires only a few inexpensive capacitors, and
the entire circuit is completely surface-mountable.
A logic-controlled shutdown pin that interfaces
directly with microprocessors reduces the supply
current to only 0.3μA. The BL8052 comes in 8-pin
narrow SO and DIP packages.
FEATURES
 Regulated +12V ±5% Output Voltage
 4.5V to 5.5V Supply Voltage Range
 Fits in 0.1in2
 Guaranteed 30mA Output
 No Inductor—Uses Only 4 Capacitors
 95μA Quiescent Current
 Logic-Controlled 0.3μA Shutdown
 8-Pin Narrow SO and DIP Packages
APPLICATIONS
 +12V Flash Memory Programming Supplies
 Compact +12V Op-Amp Supplies
 Switching MOSFETs in Low-Voltage Systems
 Dual-Output +12V and +20V Supplies
TYPICAL APPLICATION
PIN OUT & MARKING
BL8052
BL8052


Similar Part No. - BL8052

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8051 BELLING-BL8051 Datasheet
555Kb / 7P
60V Input / 5V Output Linear Regulator
More results

Similar Description - BL8052

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1262 LINER-LTC1262 Datasheet
220Kb / 8P
12V, 30mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263 Datasheet
221Kb / 8P
12V, 60mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX662A MAXIM-MAX662A Datasheet
75Kb / 6P
12V, 30mA Flash Memory Programming Supply
Rev 1; 8/94
MAX734 MAXIM-MAX734 Datasheet
323Kb / 8P
12V, 120mA Flash Memory Programming Supply
19-4670; Rev 2; 1/93
MAX734CSA-T MAXIM-MAX734CSA-T Datasheet
7Mb / 20P
12,120mA Flash Memory Programming Supply
Rev 2; 1/93
logo
Linear Technology
LTC1263IS8 LINER-LTC1263IS8 Datasheet
223Kb / 8P
12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
207Kb / 8P
12V, 60mA Flash Memory Programming Supply
LTC1262 LINER-LTC1262_15 Datasheet
209Kb / 8P
12V, 30mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263_15 Datasheet
207Kb / 8P
12V, 60mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX662EVKIT MAXIM-MAX662EVKIT Datasheet
350Kb / 8P
12V, 30mA Flash Memory Programming Supply
Rev 0; 12/92
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com