Electronic Components Datasheet Search
  English  ▼

X  

BL8052 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8052
Description  12V, 30mA Flash Memory Programming Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8052 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8052 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.belling.com.cn
2
BL8052
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage
6V
SHDN
0.3V~(Vin+0.3V)
Iout Continuous
50mA
Max Operating Junction Temperature(TJ)
125C
Ambient Temperature(TA)
-40C – 85C
Thermal resistance: ΘJA
150°C/W
Storage Temperature(TS)
-40C - 150C
Lead Temperature & Time
260C, 10S
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.
RECOMMENDED WORK CONDITIONS
Parameter
Value
Input Voltage Range
Max. 6V
Operating Junction Temperature(TJ)
-20C –125C
ELECTRICAL CHARACTERISTICS For Each Channel
(Vcc=4.5V to 5.5V, TA=25C, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vcc
Breakdown Supply
Voltage
No load, VSHDN=0V
9.4
V
Vout
Output Voltage
,
12
V
12
Icc
Supply Current
No load, VSHDN=0V
95
500
uA
Shutdown Current
No load, VSHDN=Vcc
0.3
10
uA
fOSC
Oscillator Frequency
Vcc=4V, Iout=30mA
620
kHz
Power Efficiency
Vcc=5V, Iout=30mA
76.4
%
RSW
Vcc to Vout Switch
Impedance
Vcc=VSHDN=5V
Iout=77uA
2.6
kohm
Iout=37uA
2.7
VIH
Shutdown Input
Threshold
2.4
2.5
V
VIL
1.3
SHDN Pin Current
Vcc=5V, VSHDN=0V
0
uA
Vcc=VSHDN=5V
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com