Electronic Components Datasheet Search
  English  ▼

X  

BL8088 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL8088
Description  8-Channel WLED Linear Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8088 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL8088 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8088 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8088 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8088 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8088 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.belling.com.cn
4
BL8088
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current vs Supply Current
(Ta=25℃)
0
50
100
150
200
250
300
350
3.0
3.5
4.0
4.5
5.0
Supply Voltage (V)
Quiescent Current vs Temperature
(VCC=3.7V)
0
50
100
150
200
250
300
350
400
450
-40 -20
0
20
40
60
80
100 120 140
Temperature (℃)
ILED vs Supply Voltage
(VCC=3.7V, VLEDn=3.2V)
10
12
14
16
18
20
22
3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2
Supply Voltage (V)
ILED vs LEDn Dropout Voltage
(VCC=3.7V)
0
5
10
15
20
25
0.01
0.1
1
10
LEDn Dropout Voltage (V)
ILED vs Temperature
(VCC=3.7V)
19.7
19.8
19.8
19.9
19.9
20.0
20.0
20.1
20.1
20.2
20.2
-50
-25
0
25
50
75
100
125
Temperature (℃)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com