Electronic Components Datasheet Search
  English  ▼

X  

BL8088 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8088
Description  8-Channel WLED Linear Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8088 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8088 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8088 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8088 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8088 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8088 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.belling.com.cn
3
BL8088
ELECTRICAL CHARACTERISTICS
VCC=3.7V, Ta=25°C, No Load, Input: VEN=3.7V. (Unless otherwise noted)
Symbols
Parameters
Conditions
SPEC
Unit
MIN
TYP
MAX
VIL
EN Pin “Low” Logic
0.4
V
VIH
EN Pin “High” Logic
1.7
V
IIL
EN Pin “Low” Input Current
-1
uA
IIH
EN Pin “High” Input Current
1
uA
VLEDL
LEDn Dropout Voltage
100
mV
ILED
LEDn Sink Current
18
20
22
mA
ILEDn
LEDn Sink Current Deviation
-5
5
%
IQ
Quiescent Current
500
800
uA
ISTBY
Standby Supply Current
VEN=”0”
0.5
uA
DETAILED DESCRIPTION
BL8088 works with a wide range of supply voltage, from 2.7V to 6V. The forward voltage of commercial
white/blue LED is in the range of 2.9V to 3.5V at a current level of 20mA. Proper selection of the LED to
match the supply voltage can fully utilize the Li-ion battery. For example, there is 1% ~ 3 % power left in the
Li-ion battery when its voltage reaches 3.275V. So a LED with a forward voltage value of 3.2V can use up to
99% of the battery power under normal working condition. When the voltage of the battery drops below
3.2V, the current through the LED (hence the brightness) starts to decrease.
Due to its uniquely designed current regulator, BL8088 offers low output dropout and provide superior
efficiency performance over standard Inductive boost type and capacitive charge pump type LED driver.
The EN pin controls the on/off state of the device. A high level state turns on the device and a low level
turns off the device, results in the low off state current. This pin needs to be terminated since a floating
level of the EN pin will cause the instability of the device.
The sink current has a constant value of 20mA. The
brightness of the LED can be adjusted by controlling the duty
cycle of the BL8088’s LEDn output. This can be accomplished
by applying a PWM signal to the EN pin. In BL8088, the
internal power on sequence presents a delay time of 6us
from EN pin to LEDn pin. Hence, in order to modulate the
output of LEDn in every cycle normally, the width of dimming
signal applied EN pin have to be no less than 6us.
For
example, when a dimming signal of 20KHz is applied, the
minimum range of dimming is about 12%, that is, the average
output current on each channel is 2.4mA.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com