Electronic Components Datasheet Search
  English  ▼

X  

BL8088 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8088
Description  8-Channel WLED Linear Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8088 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8088 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8088 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8088 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8088 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8088 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.belling.com.cn
2
BL8088
MARKING INFORMATION
Product Classification
BL8088CJKTR
Marking
KD
LLNYW
D6
D5
D4
D3
D2
D1
GND
NC
EN
NC
NC
NC
D8
D7
VIN
NC
Top view
KC
LLNYW
KC: Product Code
LL: LOT No.
N: FAB Code
Y: Year No.
W: Week No.
ORDERING INFORMATION
BL8088
□
1
□
2
□
3
Code
Description
□
1
Temperature & Rohs:
C: -40~85C, Pb Free Rohs Std.
□
2
Package type:
JK: QFN 3X3 –16
□
3
Packing type:
TR: Tape&Reel (Standard)
PIN DESCRIPTION
Name
Function Description
D1-D8
RGB or WLED Cathode Connection Pin
EN
Chip Enable and Dimming Control.
VIN
Power Supply
GND
Ground
NC
Not Connected
ABSOLUTE MAXIMUM RATING
Supply voltage
–0.3V to 7V
Voltage of LEDn, EN pin
–0.3V to 7V
Maximum Junction Temperature
125°C
Operating Ambient Temperature Range
–40°C to 85°C
Storage Temperature Range
–40°C to 150°C
Lead Temperature (Soldering, 10 sec)
260°C
Note: Exceed these limits to damage to the device.
Note: Exposure to absolute maximum rating conditions may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Items
MIN
MAX
Unit
Supply Voltage Range
2.7
5.5
V
Operating Temperature
-25
85
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com