Electronic Components Datasheet Search
  English  ▼

X  

BL8088 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8088
Description  8-Channel WLED Linear Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8088 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8088 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8088 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8088 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8088 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8088 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.belling.com.cn
1
8-Channel WLED Linear Driver
BL8088
DESCRIPTION
The BL8088 is a CMOS based White/Blue LED
driver with stand-alone capability. The driver is
primarily designed for LED backlighting of LCD
display powered by Li-ion battery. With its high
efficiency, low standby current and wide range of
input supply voltage, the BL8088 is suitable for
applications such as portable device display and
keypad backlighting. There are eight identical
channels in BL8088, each of which can drive one
LED by current rating of 20mA.
BL8088 is available with QFN 3X3-16 package
FEATURES
 8-channel output
 2.7 to 5.5V input range
 PWM dimming control, suggested 1KHz
 LED sink current of 20mA
 Independent current sink circuit for each LED
output
 Low standby current
High accuracy current match on each channel
APPLICATIONS
 LCD screen backlights driver
 Mobile phone, portable device keypad
backlights driver
TYPICAL APPLICATION
LC1988
VIN
EN
GND
D4
D3
D2
D1
1uF
Vin
EN
D5
D6
D7
D8
PIN ASSIGNMENT
KD
LLNYW
D6
D5
D4
D3
D2
D1
GND
NC
EN
NC
NC
NC
D8
D7
VIN
NC
BLOCK DIAGRAM
BL8088


Similar Part No. - BL8088

ManufacturerPart #DatasheetDescription
logo
Bouffalo Lab Intelligen...
BL808 BOUFFALOALB-BL808 Datasheet
1Mb / 93P
2.4 GHz RF transceiver
Version: 1.1
logo
SHANGHAI BELLING CO., L...
BL8080 BELLING-BL8080 Datasheet
354Kb / 10P
HIGH INTEGRATED PWM CONTROLLER
BL8082 BELLING-BL8082 Datasheet
922Kb / 6P
PMU with 1 Synchronous Buck and 2 LDOs
BL8082B BELLING-BL8082B Datasheet
932Kb / 6P
PMU with 1 Synchronous Buck and 2 LDOs
BL8082BCKATR BELLING-BL8082BCKATR Datasheet
932Kb / 6P
PMU with 1 Synchronous Buck and 2 LDOs
More results

Similar Description - BL8088

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE517 ACE-ACE517 Datasheet
213Kb / 8P
WLED Linear Driver for Li-lon Battery Application
VER 1.2
logo
Micrel Semiconductor
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
MIC4801 MICREL-MIC4801 Datasheet
560Kb / 12P
High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4802 MICREL-MIC4802 Datasheet
539Kb / 12P
High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
logo
Texas Instruments
LM3537 TI1-LM3537 Datasheet
1,014Kb / 30P
LM3537 8-Channel WLED Driver with Four Integrated LDOs
logo
Monolithic Power System...
MP3391 MPS-MP3391 Datasheet
569Kb / 18P
8-Channel, 120mA/ch Step-Up WLED Driver Controller
logo
SHANGHAI BELLING CO., L...
BL8584 BELLING-BL8584 Datasheet
169Kb / 5P
6-Channels WLED Linear Driver
logo
Texas Instruments
LM3537 TI1-LM3537_13 Datasheet
1Mb / 33P
8-Channel WLED Driver with Four Integrated LDOs
logo
Monolithic Power System...
EV3376-R-00A MPS-EV3376-R-00A Datasheet
1Mb / 6P
8-Channel, Synchronous, Boost, WLED Driver with I2C Interface
logo
IXYS Corporation
LDS8161 IXYS-LDS8161 Datasheet
402Kb / 22P
6-Channel / 4-Channel High-Side Linear WLED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com