Electronic Components Datasheet Search
  English  ▼

X  

AM1806 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM짰 Microprocessor
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1806 Datasheet(HTML) 5 Page - Texas Instruments

  AM1806 Datasheet HTML 1Page - Texas Instruments AM1806 Datasheet HTML 2Page - Texas Instruments AM1806 Datasheet HTML 3Page - Texas Instruments AM1806 Datasheet HTML 4Page - Texas Instruments AM1806 Datasheet HTML 5Page - Texas Instruments AM1806 Datasheet HTML 6Page - Texas Instruments AM1806 Datasheet HTML 7Page - Texas Instruments AM1806 Datasheet HTML 8Page - Texas Instruments AM1806 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 245 page
background image
AM1806
www.ti.com
SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014
Table of Contents
1
AM1806 ARM Microprocessor
......................... 1
6.8
Power and Sleep Controller (PSC)
.................. 82
1.1
Features
.............................................. 1
6.9
EDMA
............................................... 87
1.2
Applications
........................................... 2
6.10
External Memory Interface A (EMIFA)
.............. 93
1.3
Description
............................................ 3
6.11
DDR2/mDDR Memory Controller
.................. 104
1.4
Functional Block Diagram
............................ 4
6.12
Memory Protection Units
.......................... 117
2
Revision History
......................................... 6
6.13
MMC / SD / SDIO (MMCSD0, MMCSD1)
......... 120
3
Device Overview
......................................... 7
6.14
Multichannel Audio Serial Port (McASP)
.......... 123
3.1
Device Characteristics
................................ 7
6.15
Multichannel Buffered Serial Port (McBSP)
........ 132
3.2
Device Compatibility
.................................. 8
6.16
Serial Peripheral Interface Ports (SPI0, SPI1)
..... 141
3.3
ARM Subsystem
...................................... 8
6.17
Inter-Integrated Circuit Serial Ports (I2C)
.......... 162
6.18
Universal Asynchronous Receiver/Transmitter
3.4
Memory Map Summary
............................. 11
(UART)
............................................. 166
3.5
Pin Assignments
.................................... 14
6.19
Universal Serial Bus OTG Controller (USB0)
3.6
Pin Multiplexing Control
............................. 17
[USB2.0 OTG]
..................................... 168
3.7
Terminal Functions
.................................. 18
6.20
LCD Controller (LCDC)
............................ 175
3.8
Unused Pin Configurations
.......................... 54
6.21
Host-Port Interface (UHPI)
......................... 190
4
Device Configuration
.................................. 55
6.22
Universal Parallel Port (uPP)
...................... 198
4.1
Boot Modes
......................................... 55
6.23
Video Port Interface (VPIF)
........................ 203
4.2
SYSCFG Module
.................................... 55
6.24
Enhanced Capture (eCAP) Peripheral
............. 208
4.3
Pullup/Pulldown Resistors
.......................... 58
6.25
Enhanced High-Resolution Pulse-Width Modulator
5
Specifications
........................................... 59
(eHRPWM)
......................................... 211
5.1
Absolute Maximum Ratings Over Operating
6.26
Timers
.............................................. 216
Junction Temperature Range
6.27
Real Time Clock (RTC)
............................ 218
(Unless Otherwise Noted)
................................. 59
6.28
General-Purpose Input/Output (GPIO)
............. 221
5.2
Handling Ratings
.................................... 59
6.29
Programmable Real-Time Unit Subsystem (PRUSS)
5.3
Recommended Operating Conditions
............... 60
..................................................... 225
5.4
Notes on Recommended Power-On Hours (POH)
. 62
6.30
Emulation Logic
.................................... 228
5.5
Electrical Characteristics Over Recommended
7
Device and Documentation Support
.............. 236
Ranges of Supply Voltage and Operating Junction
Temperature (Unless Otherwise Noted)
............ 63
7.1
Device Support
..................................... 236
6
Peripheral Information and Electrical
7.2
Documentation Support
............................ 237
Specifications
........................................... 64
7.3
Community Resources
............................. 237
6.1
Parameter Information
.............................. 64
7.4
Trademarks
........................................ 237
6.2
Recommended Clock and Control Signal Transition
7.5
Electrostatic Discharge Caution
................... 238
Behavior
............................................. 65
7.6
Glossary
............................................ 238
6.3
Power Supplies
...................................... 65
8
Mechanical Packaging and Orderable
6.4
Reset
................................................ 66
Information
............................................. 238
6.5
Crystal Oscillator or External Clock Input
........... 70
8.1
Thermal Data for ZCE Package
................... 238
6.6
Clock PLLs
.......................................... 71
8.2
Thermal Data for ZWT Package
................... 239
6.7
Interrupts
............................................ 76
Copyright © 2010–2014, Texas Instruments Incorporated
Table of Contents
5
Submit Documentation Feedback
Product Folder Links: AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com