Electronic Components Datasheet Search
  English  ▼

X  

AM1806 Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM짰 Microprocessor
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1806 Datasheet(HTML) 151 Page - Texas Instruments

Back Button AM1806 Datasheet HTML 147Page - Texas Instruments AM1806 Datasheet HTML 148Page - Texas Instruments AM1806 Datasheet HTML 149Page - Texas Instruments AM1806 Datasheet HTML 150Page - Texas Instruments AM1806 Datasheet HTML 151Page - Texas Instruments AM1806 Datasheet HTML 152Page - Texas Instruments AM1806 Datasheet HTML 153Page - Texas Instruments AM1806 Datasheet HTML 154Page - Texas Instruments AM1806 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 245 page
background image
AM1806
www.ti.com
SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014
Table 6-69. General Timing Requirements for SPI1 Master Modes(1)
1.3V, 1.2V
1.1V
1.0V
NO.
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(SPC)M
Cycle Time, SPI1_CLK, All Master Modes
20(2)
256P
30(2)
256P
40(2)
256P
ns
2
tw(SPCH)M
Pulse Width High, SPI1_CLK, All Master Modes
0.5M-1
0.5M-1
0.5M-1
ns
3
tw(SPCL)M
Pulse Width Low, SPI1_CLK, All Master Modes
0.5M-1
0.5M-1
0.5M-1
ns
Polarity = 0, Phase = 0,
5
5
6
to SPI1_CLK rising
Polarity = 0, Phase = 1,
-0.5M+5
-0.5M+5
-0.5M+6
Delay, initial data bit valid on
to SPI1_CLK rising
4
td(SIMO_SPC)M
SPI1_SIMO to initial edge on
ns
Polarity = 1, Phase = 0,
SPI1_CLK(3)
5
5
6
to SPI1_CLK falling
Polarity = 1, Phase = 1,
-0.5M+5
-0.5M+5
-0.5M+6
to SPI1_CLK falling
Polarity = 0, Phase = 0,
5
5
6
from SPI1_CLK rising
Polarity = 0, Phase = 1,
5
5
6
Delay, subsequent bits valid on from SPI1_CLK falling
5
td(SPC_SIMO)M
SPI1_SIMO after transmit edge
ns
Polarity = 1, Phase = 0,
of SPI1_CLK
5
5
6
from SPI1_CLK falling
Polarity = 1, Phase = 1,
5
5
6
from SPI1_CLK rising
Polarity = 0, Phase = 0,
0.5M-3
0.5M-3
0.5M-3
from SPI1_CLK falling
Polarity = 0, Phase = 1,
0.5M-3
0.5M-3
0.5M-3
Output hold time, SPI1_SIMO
from SPI1_CLK rising
6
toh(SPC_SIMO)M
valid after receive edge of
ns
Polarity = 1, Phase = 0,
SPI1_CLK
0.5M-3
0.5M-3
0.5M-3
from SPI1_CLK rising
Polarity = 1, Phase = 1,
0.5M-3
0.5M-3
0.5M-3
from SPI1_CLK falling
Polarity = 0, Phase = 0,
1.5
1.5
1.5
to SPI1_CLK falling
Polarity = 0, Phase = 1,
1.5
1.5
1.5
Input Setup Time, SPI1_SOMI
to SPI1_CLK rising
7
tsu(SOMI_SPC)M
valid before receive edge of
ns
Polarity = 1, Phase = 0,
SPI1_CLK
1.5
1.5
1.5
to SPI1_CLK rising
Polarity = 1, Phase = 1,
1.5
1.5
1.5
to SPI1_CLK falling
Polarity = 0, Phase = 0,
4
5
6
from SPI1_CLK falling
Polarity = 0, Phase = 1,
4
5
6
Input Hold Time, SPI1_SOMI
from SPI1_CLK rising
8
tih(SPC_SOMI)M
valid after receive edge of
ns
Polarity = 1, Phase = 0,
SPI1_CLK
4
5
6
from SPI1_CLK rising
Polarity = 1, Phase = 1,
4
5
6
from SPI1_CLK falling
(1)
P = SYSCLK2 period; M = tc(SPC)M (SPI master bit clock period)
(2)
This timing is limited by the timing shown or 3P, whichever is greater.
(3)
First bit may be MSB or LSB depending upon SPI configuration. MO(0) refers to first bit and MO(n) refers to last bit output on
SPI1_SIMO. MI(0) refers to the first bit input and MI(n) refers to the last bit input on SPI1_SOMI.
Copyright © 2010–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
151
Submit Documentation Feedback
Product Folder Links: AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com