Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 73 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 69Page - Texas Instruments AM4376 Datasheet HTML 70Page - Texas Instruments AM4376 Datasheet HTML 71Page - Texas Instruments AM4376 Datasheet HTML 72Page - Texas Instruments AM4376 Datasheet HTML 73Page - Texas Instruments AM4376 Datasheet HTML 74Page - Texas Instruments AM4376 Datasheet HTML 75Page - Texas Instruments AM4376 Datasheet HTML 76Page - Texas Instruments AM4376 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
Table 4-28. DDR Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN BALL [4]
ddr_d20
DDR SDRAM Data
IO
V1
ddr_d21
DDR SDRAM Data
IO
W4
ddr_d22
DDR SDRAM Data
IO
W5
ddr_d23
DDR SDRAM Data
IO
W6
ddr_d24
DDR SDRAM Data
IO
Y2
ddr_d25
DDR SDRAM Data
IO
Y3
ddr_d26
DDR SDRAM Data
IO
Y4
ddr_d27
DDR SDRAM Data
IO
AA3
ddr_d28
DDR SDRAM Data
IO
AB2
ddr_d29
DDR SDRAM Data
IO
AB1
ddr_d30
DDR SDRAM Data
IO
AC1
ddr_d31
DDR SDRAM Data
IO
AC2
ddr_dqm0
DDR Write Enable / Data Mask for Data[7:0]
O
F4
ddr_dqm1
DDR Write Enable / Data Mask for Data[15:8]
O
H2
ddr_dqm2
DDR Write Enable / Data Mask for Data[23:16]
O
V6
ddr_dqm3
DDR Write Enable / Data Mask for Data[31:24]
O
Y1
ddr_dqs0
DDR Data Strobe for Data[7:0] (Differential+)
IO
F2
ddr_dqs1
DDR Data Strobe for Data[15:8] (Differential+)
IO
J2
ddr_dqs2
DDR Data Strobe for Data[23:16] (Differential+)
IO
W1
ddr_dqs3
DDR Data Strobe for Data[31:24] (Differential+)
IO
AA1
ddr_dqsn0
DDR Data Strobe for Data[7:0] (Differential-)
IO
F1
ddr_dqsn1
DDR Data Strobe for Data[15:8] (Differential-)
IO
J1
ddr_dqsn2
DDR Data Strobe for Data[23:16] (Differential-)
IO
W2
ddr_dqsn3
DDR Data Strobe for Data[31:24] (Differential-)
IO
AA2
ddr_nck
DDR SDRAM Clock (Differential-)
O
M1
ddr_odt0
DDR SDRAM ODT0
O
U1
ddr_odt1
DDR SDRAM ODT1
O
U2
ddr_rasn
DDR SDRAM Row Address Strobe (Active Low)
O
N2
ddr_resetn
DDR SDRAM RESET (only for DDR3)
O
T1
ddr_vref
Voltage Reference
AP (1)
T6
ddr_vtp
External Resistor for Impedance Training
I (2)
AC3
ddr_wen
DDR SDRAM Write Enable (Active Low)
O
N4
(1) This terminal is an analog input used to set the switching threshold of the DDR input buffers to (VDDS_DDR / 2).
(2) This terminal is an analog passive signal that connects to an external 49.9 ohm 1%, 20mW reference resistor which is used to calibrate
the DDR input/output buffers.
Table 4-29. General-Purpose Memory Controller (GPMC) Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN BALL [4]
gpmc_a0
GPMC Address
O
B22, C3
gpmc_a1
GPMC Address
O
A21, B23, C5
gpmc_a2
GPMC Address
O
A23, B21, C6
gpmc_a3
GPMC Address
O
A22, A4, C21
gpmc_a4
GPMC Address
O
A20, A24, D7
gpmc_a5
GPMC Address
O
B20, C10, E7
gpmc_a6
GPMC Address
O
C20, E8
gpmc_a7
GPMC Address
O
E19, F6
gpmc_a8
GPMC Address
O
B23, F7
Copyright © 2014–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
73
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com