Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 84 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 80Page - Texas Instruments AM4376 Datasheet HTML 81Page - Texas Instruments AM4376 Datasheet HTML 82Page - Texas Instruments AM4376 Datasheet HTML 83Page - Texas Instruments AM4376 Datasheet HTML 84Page - Texas Instruments AM4376 Datasheet HTML 85Page - Texas Instruments AM4376 Datasheet HTML 86Page - Texas Instruments AM4376 Datasheet HTML 87Page - Texas Instruments AM4376 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
4.3.12 Miscellaneous
Table 4-42. Miscellaneous Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN BALL [4]
clkout1
Clock out1
O
D24
clkout2
Clock out2
O
C24
clkreq
Clock Request Control
O
H20
nNMI
External Interrupt to ARM Cortex-A9 core
I
G25
nRESETIN_OUT
Warm Reset Input/Output
IOD (1)
G22
OSC0_IN
High frequency oscillator input
I
C25
OSC0_OUT
High frequency oscillator output
O
B25
OSC1_IN
Low frequency (32.768 kHz) Real-Time Clock oscillator
I
AE5
input
OSC1_OUT
Low frequency (32.768 kHz) Real-Time Clock oscillator
O
AE4
output
porz
Power on Reset
I
Y23
RTC_PORz
RTC active low reset input
I
AE6
tclkin
Timer Clock In
I
C24
xdma_event_intr0
External DMA Event or Interrupt 0
I
D24
xdma_event_intr1
External DMA Event or Interrupt 1
I
C24
xdma_event_intr2
External DMA Event or Interrupt 2
I
A16, G24, R25
xdma_event_intr3
External DMA Event or Interrupt 3
I
AD24
xdma_event_intr4
External DMA Event or Interrupt 4
I
AD25
xdma_event_intr5
External DMA Event or Interrupt 5
I
AC23
xdma_event_intr6
External DMA Event or Interrupt 6
I
AE21
xdma_event_intr7
External DMA Event or Interrupt 7
I
AC25
xdma_event_intr8
External DMA Event or Interrupt 8
I
AB25
(1) Refer to the External Warm Reset section of the Technical Reference Manual for more information related to the operation of this
terminal.
Table 4-43. Reserved Signals
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN BALL [4]
Reserved
Reserved (1)
NA
AA10, AA7, AA9,
AB10, AB6, AB7,
AB9, AC10, AC12,
AC5, AC6, AC7, AC9,
AD1, AD10, AD11,
AD2, AD7, AE11,
AE12, AE9, H21,
P21, W10, Y10, Y6,
Y7
(1) Do not connect any signal, test point, or board trace to reserved signals.
84
Terminal Configuration and Functions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com