Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 1 Page - Texas Instruments

  AM5716 Datasheet HTML 1Page - Texas Instruments AM5716 Datasheet HTML 2Page - Texas Instruments AM5716 Datasheet HTML 3Page - Texas Instruments AM5716 Datasheet HTML 4Page - Texas Instruments AM5716 Datasheet HTML 5Page - Texas Instruments AM5716 Datasheet HTML 6Page - Texas Instruments AM5716 Datasheet HTML 7Page - Texas Instruments AM5716 Datasheet HTML 8Page - Texas Instruments AM5716 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 389 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
AM5716, AM5718
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
AM571x SitaraTM Processors
1
Device Overview
1.1
Features
1
– Support for up to 4 Multiplexed Input Ports
• ARM® Cortex®-A15 Microprocessor Subsystem
• General-Purpose Memory Controller (GPMC)
• C66x™ Floating-Point VLIW DSP
• Enhanced Direct Memory Access (EDMA)
– Fully Object-Code Compatible With C67x™ and
Controller
C64x+™
• Ethernet Subsystem
– Up to Thirty-two 16 × 16-Bit Fixed-Point
Multiplies per Cycle
• Sixteen 32-Bit General-Purpose Timers
• Up to 512KB of On-Chip L3 RAM
• 32-Bit MPU Watchdog Timer
• Level 3 (L3) and Level 4 (L4) Interconnects
• Five High-Speed Inter-Integrated Circuit (I2C) Ports
• DDR3/DDR3L Memory Interface (EMIF) Module
• HDQ™/1-Wire® Interface
– Supports up to DDR3-1333 (667MHz)
• Ten Configurable UART/IrDA/CIR Modules
– Up to 4GB Across Two Chip Selects
• Four Multichannel Serial Peripheral Interfaces
(MCSPIs)
• Two ARM® Dual Cortex®-M4 Image Processing
Units (IPUs)
• Quad SPI Interface (QSPI)
• Available IVA-HD Subsystem
• SATA Gen2 Interface
• Available Display Subsystem
• Multichannel Audio Serial Port (MCASP)
– Full-HD Video (1920 × 1080p, 60 fps)
• SuperSpeed USB 3.0 Dual-Role Device
– Multiple Video Input and Video Output
• High Speed USB 2.0 Dual-Role Device
– 2D and 3D Graphics
• PCI-Express® 2.0 Subsystems With Two 5-Gbps
Lanes
– Display Controller With DMA Engine and up to
Three Pipelines
– One 2-lane Gen2-Compliant Port
– HDMI Encoder: HDMI 1.4a and DVI 1.0
– or Two 1-lane Gen2-Compliant Ports
Compliant
• Dual Controller Area Network (DCAN) Modules
• 2x Programmable Real-Time Unit Subsystem and
– CAN 2.0B Protocol
Industrial Communication Subsystem (PRU-ICSS)
• Up to 215 General-Purpose I/O (GPIO) Pins
• Accelerator (BB2D) Subsystem
• Power, Reset, and Clock Management
– Vivante™ GC320 Core
• On-Chip Debug With CTools Technology
• Video Processing Engine (VPE)
• 28-nm CMOS Technology
• Available Single-Core PowerVR® SGX544™ 3D
• 23 mm × 23 mm, 0.8-mm Pitch, 760-Pin BGA
GPU
(ABC)
• One Video Input Port (VIP) Module
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.


Similar Part No. - AM5716

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5716 TI1-AM5716 Datasheet
3Mb / 388P
AM571x Sitara??Processors Silicon Revision 2.0
AM5716 TI1-AM5716 Datasheet
4Mb / 394P
Sitara Processors Silicon Revision 2.0
AM5716 TI1-AM5716 Datasheet
4Mb / 396P
Sitara Processors Silicon Revision 2.0
AM5716AABCD TI1-AM5716AABCD Datasheet
4Mb / 394P
Sitara Processors Silicon Revision 2.0
AM5716AABCD TI1-AM5716AABCD Datasheet
4Mb / 396P
Sitara Processors Silicon Revision 2.0
More results

Similar Description - AM5716

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX1300 PHILIPS-PNX1300 Datasheet
5Mb / 548P
Media Processors
2002 Feb 15
logo
Micronas
TPU3035 MICRONAS-TPU3035 Datasheet
1Mb / 73P
Teletext Processors
logo
Analog Devices
ADSP-21369KSWZ-2A AD-ADSP-21369KSWZ-2A Datasheet
1Mb / 60P
SHARC Processors
Rev. E
logo
Freescale Semiconductor...
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
Communications Processors
logo
Texas Instruments
OMAP3530 TI1-OMAP3530_14 Datasheet
2Mb / 266P
Applications Processors
logo
Freescale Semiconductor...
P1010NXN5HFA FREESCALE-P1010NXN5HFA Datasheet
209Kb / 2P
Communications Processors
logo
Texas Instruments
AM5728 TI-AM5728_15 Datasheet
2Mb / 415P
AM572x SitaraTM Processors
AM5718 TI1-AM5718 Datasheet
3Mb / 388P
AM571x Sitara??Processors Silicon Revision 2.0
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
Sitara Processors
logo
Maxim Integrated Produc...
71M6545 MAXIM-71M6545_V01 Datasheet
2Mb / 133P
Metrology Processors
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com