| Electronic Components Datasheet Search |
|
AM5716 Datasheet(PDF) 124 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5716 Datasheet(HTML) 124 Page - Texas Instruments |
|
124 / 389 page ![]() AM5716, AM5718 SPRS919I – JUNE 2014 – REVISED OCTOBER 2015 www.ti.com Table 4-24. GPIOs Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL gpio7_28 General-Purpose Input/Output (I/O) I/O J1 gpio7_29 General-Purpose Input/Output (I/O) I/O J2 gpio7_30 General-Purpose Input/Output (I/O) I/O D14 gpio7_31 General-Purpose Input/Output (I/O) I/O C14 GPIO 8 gpio8_0 General-Purpose Input/Output (I/O) I/O F11 gpio8_1 General-Purpose Input/Output (I/O) I/O G10 gpio8_2 General-Purpose Input/Output (I/O) I/O F10 gpio8_3 General-Purpose Input/Output (I/O) I/O G11 gpio8_4 General-Purpose Input/Output (I/O) I/O E9 gpio8_5 General-Purpose Input/Output (I/O) I/O F9 gpio8_6 General-Purpose Input/Output (I/O) I/O F8 gpio8_7 General-Purpose Input/Output (I/O) I/O E7 gpio8_8 General-Purpose Input/Output (I/O) I/O E8 gpio8_9 General-Purpose Input/Output (I/O) I/O D9 gpio8_10 General-Purpose Input/Output (I/O) I/O D7 gpio8_11 General-Purpose Input/Output (I/O) I/O D8 gpio8_12 General-Purpose Input/Output (I/O) I/O A5 gpio8_13 General-Purpose Input/Output (I/O) I/O C6 gpio8_14 General-Purpose Input/Output (I/O) I/O C8 gpio8_15 General-Purpose Input/Output (I/O) I/O C7 gpio8_16 General-Purpose Input/Output (I/O) I/O B7 gpio8_17 General-Purpose Input/Output (I/O) I/O B8 gpio8_18 General-Purpose Input/Output (I/O) I/O A7 gpio8_19 General-Purpose Input/Output (I/O) I/O A8 gpio8_20 General-Purpose Input/Output (I/O) I/O C9 gpio8_21 General-Purpose Input/Output (I/O) I/O A9 gpio8_22 General-Purpose Input/Output (I/O) I/O B9 gpio8_23 General-Purpose Input/Output (I/O) I/O A10 gpio8_27 General-Purpose Input I D23 gpio8_28 General-Purpose Input/Output (I/O) I/O F19 gpio8_29 General-Purpose Input/Output (I/O) I/O E18 gpio8_30 General-Purpose Input/Output (I/O) I/O G21 gpio8_31 General-Purpose Input/Output (I/O) I/O D24 4.4.22 Keyboard controller (KBD) NOTE For more information, see Keyboard Controller section of the device TRM. Table 4-25. Keyboard Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL kbd_row0 Keypad row 0 I E1 kbd_row1 Keypad row 1 I G2 kbd_row2 Keypad row 2 I G1 kbd_row3 Keypad row 3 I G6 124 Terminal Configuration and Functions Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM5716 AM5718 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |