Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 156 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 156 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 152Page - Texas Instruments AM5716 Datasheet HTML 153Page - Texas Instruments AM5716 Datasheet HTML 154Page - Texas Instruments AM5716 Datasheet HTML 155Page - Texas Instruments AM5716 Datasheet HTML 156Page - Texas Instruments AM5716 Datasheet HTML 157Page - Texas Instruments AM5716 Datasheet HTML 158Page - Texas Instruments AM5716 Datasheet HTML 159Page - Texas Instruments AM5716 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 389 page
background image
AM5716, AM5718
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
www.ti.com
Table 5-9. Maximum Supported Frequency (continued)
MODULE
CLOCK SOURCES
PLL / OSC /
Clock
Max. Clock
PLL / OSC /
Instance Name
Input Clock Name
PRCM Clock Name
Source Clock
Type
Allowed (MHz)
Source Name
Name
PRCM_MPU
32K_CLK
Func
0.032
FUNC_32K_CLK
SYS_32K
RTC Oscillator
SYS_CLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
DPLL_ABE
K
PWMSS1
PWMSS1_GICLK
Int &
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
Func
PWMSS2
PWMSS2_GICLK
Int &
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
Func
PWMSS3
PWMSS3_GICLK
Int &
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
Func
QSPI
QSPI_ICLK
Int
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
QSPI_FCLK
Func
128
QSPI_GFCLK
FUNC_256M_CLK
DPLL_PER
PER_QSPI_CLK
DPLL_PER
RNG
RNG_ICLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
RTC_SS
RTC_ICLK
Int
133
RTC_L4_GICLK
CORE_X2_CLK
DPLL_CORE
RTC_FCLK
Func
RTC_FCLK
RTC_AUX_CLK
FUNC_32K_CLK
RTC Oscillator
SAR_ROM
PRCM_ROM_CLO
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
CK
SATA
SATA_FICLK
Int
266
L3INIT_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SATA_PMALIVE_F
Func
48
L3INIT_48M_GFCLK
FUNC_192M_CLK
DPLL_PER
CLK
REF_CLK
Func
38
SATA_REF_GFCLK
SYS_CLK1
OSC1
SDMA
SDMA_FCLK
Int &
266
DMA_L3_GICLK
CORE_X2_CLK
DPLL_CORE
Func
SHA2MD51
SHAM_1_CLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SHA2MD52
SHAM_2_CLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SL2
IVA_GCLK
Int
IVA_GCLK
IVA_GCLK
IVA_GFCLK
DPLL_IVA
SMARTREFLEX_C
MCLK
Int
133
COREAON_L4_GICLK
CORE_X2_CLK
DPLL_CORE
ORE
SYSCLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
DPLL_ABE
K
SMARTREFLEX_D
MCLK
Int
133
COREAON_L4_GICLK
CORE_X2_CLK
DPLL_CORE
SP
SYSCLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
DPLL_ABE
K
SMARTREFLEX_G
MCLK
Int
133
COREAON_L4_GICLK
CORE_X2_CLK
DPLL_CORE
PU
SYSCLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
DPLL_ABE
K
SMARTREFLEX_IV
MCLK
Int
133
COREAON_L4_GICLK
CORE_X2_CLK
DPLL_CORE
AHD
SYSCLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
DPLL_ABE
K
SMARTREFLEX_M
MCLK
Int
133
COREAON_L4_GICLK
CORE_X2_CLK
DPLL_CORE
PU
SYSCLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
DPLL_ABE
K
SPINLOCK
SPINLOCK_ICLK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
156
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com