Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 190 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 190 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 186Page - Texas Instruments AM5716 Datasheet HTML 187Page - Texas Instruments AM5716 Datasheet HTML 188Page - Texas Instruments AM5716 Datasheet HTML 189Page - Texas Instruments AM5716 Datasheet HTML 190Page - Texas Instruments AM5716 Datasheet HTML 191Page - Texas Instruments AM5716 Datasheet HTML 192Page - Texas Instruments AM5716 Datasheet HTML 193Page - Texas Instruments AM5716 Datasheet HTML 194Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 389 page
background image
AM5716, AM5718
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
www.ti.com
Table 6-13. DPLL Type A Characteristics (continued)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
COMMENTS
6 + 350 ×
tlock
Frequency lock time
µs
REFCLK
6 + 500 ×
plock
Phase lock time
µs
REFCLK
Relock time—Frequency
6 + 70 ×
DPLL in LP relock time:
trelock-L
lock(5) (LP relock time from
µs
REFCLK
lowcurrstdby = 1
bypass)
Relock time—Phase lock(5)
6 + 120 ×
DPLL in LP relock time:
prelock-L
µs
(LP relock time from bypass)
REFCLK
lowcurrstdby = 1
Relock time—Frequency
3.55 + 70 ×
DPLL in fast relock time:
trelock-F
lock(5) (fast relock time from
µs
REFCLK
lowcurrstdby = 0
bypass)
Relock time—Phase lock(5)
3.55 + 120 ×
DPLL in fast relock time:
prelock-F
µs
(fast relock time from bypass)
REFCLK
lowcurrstdby = 0
(1) The minimum frequencies on CLKOUT and CLKOUTX2 are assuming M2 = 1.
For M2 > 1, the minimum frequency on these clocks will further scale down by factor of M2.
(2) The maximum frequencies on CLKOUT and CLKOUTX2 are assuming M2 = 1.
(3) The minimum frequency on CLKOUTHIF is assuming M3 = 1. For M3 > 1, the minimum frequency on this clock will further scale down
by factor of M3.
(4) The maximum frequency on CLKOUTHIF is assuming M3 = 1.
(5) Relock time assumes typical operating conditions, 10°C maximum temperature drift.
(6) Bypass mode: fCLKOUT = FINP if ulowclken = 0. For more information, see the Device TRM.
Table 6-14. DPLL Type B Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
COMMENTS
finput
CLKINP input clock frequency
0.62
60
MHz
FINP
REFCLK internal reference
finternal
0.62
2.5
MHz
[1 / (N + 1)] × FINP
clock frequency
Bypass mode: fCLKOUT =
CLKINPULOW bypass input
fCLKINPULOW
0.001
600
MHz
fCLKINPULOW / (M1 + 1) If
clock frequency
ulowclken = 1(4)
CLKOUTLDO output clock
M / (N + 1)] × FINP × [1 / M2]
fCLKLDOOUT
20(1)(5)
2500(2)(5)
MHz
frequency
(in locked condition)
CLKOUT output clock
[M / (N + 1)] × FINP × [1 / M2]
fCLKOUT
20(1)(5)
1450(2)(5)
MHz
frequency
(in locked condition)
750(5)
1500(5)
MHz
Internal oscillator (DCO) output
[M / (N + 1)] × FINP (in locked
fCLKDCOLDO
clock frequency
condition)
1250(5)
2500(5)
MHz
CLKOUTLDO period jitter
The period jitter at the output
tJ
CLKOUT period jitter
–2.5%
2.5%
clocks is ± 2.5% peak to peak
CLKDCOLDO period jitter
350 ×
tlock
Frequency lock time
µs
REFCLKs
500 ×
plock
Phase lock time
µs
REFCLKs
Relock time—Frequency lock(3)
9 + 30 ×
trelock-L
µs
(LP relock time from bypass)
REFCLKs
Relock time—Phase lock(3) (LP
9 + 125 ×
prelock-L
µs
relock time from bypass)
REFCLKs
(1) The minimum frequency on CLKOUT is assuming M2 = 1.
For M2 > 1, the minimum frequency on this clock will further scale down by factor of M2.
(2) The maximum frequency on CLKOUT is assuming M2 = 1.
(3) Relock time assumes typical operating conditions, 10°C maximum temperature drift.
(4) Bypass mode: fCLKOUT = FINP if ULOWCLKEN = 0. For more information, see the Device TRM.
190
Clock Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com