| Electronic Components Datasheet Search |
|
DM385 Datasheet(PDF) 88 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385 Datasheet(HTML) 88 Page - Texas Instruments |
|
88 / 281 page ![]() DM385, DM388 SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 www.ti.com 3.3.18 SD Signals (MMC/SD/SDIO) 3.3.18.1 SD0 Table 3-38. SD0 Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] SD0_CLK SD0 Clock output O AB30 SD0_CMD SD0 Command output O AA29 SD0_DAT[0] SD0 Data0 I/O. Functions as data bit 0 for 4-/8-bit SD I/O AA28 mode and single data bit for 1-bit SD mode. SD0_DAT[3] SD0 Data3 I/O. Functions as data bit 3 for 4-/8-bit SD I/O Y30 mode. SD0_DAT[4] SD0 Data4 I/O. Functions as data bit 4 for 8-bit SD I/O Y22 mode. SD0_DAT[5] SD0 Data5 I/O. Functions as data bit 5 for 8-bit SD I/O Y21 mode. SD0_DAT[6] SD0 Data6 I/O. Functions as data bit 6 for 8-bit SD I/O AB31 mode. SD0_DAT[7] SD0 Data7 I/O. Functions as data bit 7 for 8-bit SD I/O AC30 mode. SD0_DAT[1]_SDIRQ SD0 Data1 I/O. Functions as data bit 1 for 4-/8-bit SD I/O AA26 mode and as an IRQ input for 1-bit SD mode. SD0_DAT[2]_SDRW SD0 Data2 I/O. Functions as data bit 2 for 4-/8-bit SD I/O Y31 mode and as a Read Wait input for 1-bit SD mode. SD0_SDCD SD0 Card Detect input I D30 3.3.18.2 SD1 Table 3-39. SD1Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] SD1_CLK SD1 Clock output O W30 SD1_CMD SD1 Command output O AA29, Y29 SD1_DAT[0] SD1 Data0 I/O. Functions as data bit 0 for 4-/8-bit SD I/O W31 mode and single data bit for 1-bit SD mode. SD1_DAT[3] SD1 Data3 I/O. Functions as data bit 3 for 4-/8-bit SD I/O Y27 mode. SD1_DAT[4] SD1 Data4 I/O. Functions as data bit 4 for 8-bit SD I/O AA28 mode. SD1_DAT[5] SD1 Data5 I/O. Functions as data bit 5 for 8-bit SD I/O AA26 mode. SD1_DAT[6] SD1 Data6 I/O. Functions as data bit 6 for 8-bit SD I/O Y31 mode. SD1_DAT[7] SD1 Data7 I/O. Functions as data bit 7 for 8-bit SD I/O Y30 mode. SD1_DAT[1]_SDIRQ SD1 Data1 I/O. Functions as data bit 1 for 4-/8-bit SD I/O AA30 mode and as an IRQ input for 1-bit SD mode. SD1_DAT[2]_SDRW SD1 Data2 I/O. Functions as data bit 2 for 4-/8-bit SD I/O U29 mode and as a Read Wait input for 1-bit SD mode. SD1_POW SD1 Card Power Enable output O E31 SD1_SDCD SD1 Card Detect input I G28 SD1_SDWP SD1 Card Write Protect input I E29 88 Device Pins Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DM385 DM388 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |