Electronic Components Datasheet Search
  English  ▼

X  

NJM3776 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM3776
Description  DUAL CONTROLLER FOR HIGH-CURRENT STEPPER MOTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3776 Datasheet(HTML) 2 Page - New Japan Radio

  NJM3776 Datasheet HTML 1Page - New Japan Radio NJM3776 Datasheet HTML 2Page - New Japan Radio NJM3776 Datasheet HTML 3Page - New Japan Radio NJM3776 Datasheet HTML 4Page - New Japan Radio NJM3776 Datasheet HTML 5Page - New Japan Radio NJM3776 Datasheet HTML 6Page - New Japan Radio NJM3776 Datasheet HTML 7Page - New Japan Radio NJM3776 Datasheet HTML 8Page - New Japan Radio NJM3776 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NJM3776
s PIN DESCRIPTION
DIP
Symbol
Description
1
PWR GND
1
"Power Ground" from output channel 1. Connected to the ground path (see application examples).
2
T1BL
Output, channel 1, B side lower transistor. The pin will sink current when phase is high.
3
T1BU
Output, channel 1, B side upper transistor. The pin will source current when phase is low.
4
T1AL
Output, channel 1, A side lower transistor. The pin will sink current when phase is low.
5
T1AU
Output, channel 1, A side upper transistor. The pin will source current when phase is high.
6
VBB1
Supply voltage for driving channel 1 outputs.
7
SGND
1
Sense ground channel 1. Logic ground reference and sense ground for the current control feedback-
loop.
8VR
1
Reference voltage, channel 1. Controls the comparator threshold voltage and hence the output
current.
9C
1
Comparator input channel 1. This input senses the instantaneous voltage across the sensing resistor,
filtered by the internal digital filter or an optional external RC network.
10
Phase
1
Controls the direction of channel 1 outputs T1AL, T1AU, T1BL and T1BU.
11
Dis
1
Disable input for channel 1. When HIGH, all four output transistors are turned off, which results in a
rapidly decreasing output current to zero.
12
RC
Clock oscillator RC pin. Connect a 12 kohm resistor to V
CC and a 4 700 pF capacitor to ground to
obtain the nominal switching frequency of 23.0 kHz and a digital filter blanking time of 1.0
µs.
13
Vcc
Logic voltage supply, nominally +5 V.
14
Dis
2
Disable input for channel 2. When HIGH, all four output transistors are turned off, which results in a
rapidly decreasing output current to zero.
15
Phase
2
Controls the direction of channel 2 outputs T2AL, T2AU, T2BL and T2BU.
16
C
2
Comparator input channel 2. This input senses the instantaneous voltage across the sensing resistor,
filtered by the internal digital filter or an optional external RC network.
17
VR
2
Reference voltage, channel 2. Controls the comparator threshold voltage and hence the output
current.
18
SGND
2
Sense ground channel 1. Logic ground reference and sense ground for the current control feedback-
loop.
19
VBB2
Supply voltage for driving channel 2 outputs.
20
T2AU
Output, channel 2, A side upper transistor. The pin will source current when phase is high.
21
T2AL
Output, channel 2, A side lower transistor. The pin will sink current when phase is low.
22
T2BU
Output, channel 2, B side upper transistor. The pin will source current when phase is low.
23
T2BL
Output, channel 2, B side lower transistor. The pin will sink current when phase is high.
24
PWR GND
2
"Power Ground" from output channel 2. Connected to the ground path (see application examples).
Figure 2. Pin configuration
PWR GND
1
T1BL
T1BU
T1AL
T1AU
VBB1
SGND
1
VR
1
C
1
Phase
1
Dis
1
PWR GND
2
T2BL
RC
Vcc
Dis
2
T2AL
T2AU
VBB 2
SGND
2
VR
2
C
2
Phase
2
1
2
3
4
5
6
7
8
9
10
11
24
23
12
13
14
21
20
19
18
17
16
15
22
T2BU
NJM
3776D2
s PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com