Electronic Components Datasheet Search
  English  ▼

X  

NJM3776 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJM3776
Description  DUAL CONTROLLER FOR HIGH-CURRENT STEPPER MOTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3776 Datasheet(HTML) 8 Page - New Japan Radio

  NJM3776 Datasheet HTML 1Page - New Japan Radio NJM3776 Datasheet HTML 2Page - New Japan Radio NJM3776 Datasheet HTML 3Page - New Japan Radio NJM3776 Datasheet HTML 4Page - New Japan Radio NJM3776 Datasheet HTML 5Page - New Japan Radio NJM3776 Datasheet HTML 6Page - New Japan Radio NJM3776 Datasheet HTML 7Page - New Japan Radio NJM3776 Datasheet HTML 8Page - New Japan Radio NJM3776 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NJM3776
Phase inputs
A logic HIGH on a Phase input causes the TxBL pin to sink current, low voltage, and the TxAU pin to source current,
high voltage. A logic LOW causes the TxAL to sink current, low voltage, and the TxBU to source current, high
voltage. A time delay prevents cross conduction in the H-bridge when changing the Phase input.
See truth table fig. 8.
Dis (Disable) inputs
A logic HIGH on the Dis inputs will turn off all four transistors of the outputs, which results in a rapidly decreasing output
current to zero. See truth table fig 8.
V
R (Reference) inputs
The Vref inputs of the NJM3776 have a voltage divider with a ratio of 1 to 10 to reduce the external reference
voltage to an adequate level. The divider consists of closely matched resistors . Nominal input reference voltage is 5
V.
Interference
Due to the switching operation of NJM3776, noise and transients are generated and coupled into adjacent circuitry.
To reduce potential interference there are a few basic rules to follow:
• Use separate ground leads for power ground (the ground connection of R
S), the ground leads of NJM3776, and the
ground of external analog and digital circuitry. The grounds should be connected together close to the main filtering
capacitor at the power supply.
• Decouple the supply voltages close to the NJM3776 circuit. Use a ceramic capacitor in parallel with an electrolytic
type for both V
CC and VBB. Route the power supply lines close together.
• Do not place sensitive circuits close to the driver. Avoid physical current loops, and place the driver close to both
the motor and the power supply connector. The motor leads could preferably be twisted or shielded.
Motor selection
The NJM3776 is designed for two-phase bipolar stepper motors, i.e. motors that have only one winding per phase.
The chopping principle of the NJM3776 is based on a constant frequency and a varying duty cycle. This scheme
imposes certain restrictions on motor selection. Unstable chopping can occur if the chopping duty cycle exceeds
approximately 50%. See figure 5 for definitions. To avoid this, it is necessary to select a motor with a low winding
resistance and inductance, i.e. windings with fewer turns.
It is not possible to use a motor that is rated for the same voltage as the actual supply voltage. Only rated current
needs to be considered. Typical motors to be used together with the NJM3776 in a high current application, have a
voltage rating of 0.5 to 6 V, while the supply voltage usually ranges from 12 to 40 V.
Low inductance, especially in combination with a high supply voltage, enables high stepping rates. However, to
give the same torque capability at low speed, the reduced number of turns in the winding in the low resistive, low
inductive motor must be compensated by a higher current. A compromise has to be made. Select a motor with the
lowest possible winding resistance and inductance, that still gives the required torque, and use as high supply
voltage as possible, without exceeding the maximum recommended 40 V. Check that the chopping duty cycle does
not exceed 50% at maximum current.
To achieve the best utilization of the motor driver combination it is important to find the correct operation conditions in
terms of motor voltage, winding current and stepping mode to fit the motor type and the motor winding.
To find the correct operation conditions for a certain application the following procedure can be used.
1. If low noise and low resonance’s or high resolution is required, use half step or even better modified half step,
quarter step, etc. In order to implement modified half step or modes with better resolution an external sequence
generator must be used. See the testboard manual for TB 313i testboard for more information.
If the required stepping rate is high or if low cost is more important than low noise use full step mode.
2. Set the motor supply voltage and the winding currents to their maximum values (limited by the motor or the driver).
Run the motor in the application at the lowest frequency with maximum load.
3. Decrease the current, by decreasing the Vref voltage, until the motor phases out, then raise the current with the
selected torque margin, 25 to 50% as a guideline. This sets a first approximation of the suitable current level.
4. Run the motor at the highest frequency with maximum load. Decrease the motor voltage until the motor phases
out. Increase the motor voltage with 15 to 30% as a guideline to find a first estimation of the required motor voltage.
To get an even better estimation continue to adjust the current in the low frequency range and the voltage in the high
frequency range. This is a very simplified method for finding the correct operating conditions for the motor but it will
be helpful in most cases. If the motor fails to run in the high frequency range at maximum voltage a motor with lower
winding resistance should be selected. If the problems occur in the low frequency range a larger motor or a gearbox
will have to be used.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com