Electronic Components Datasheet Search
  English  ▼

X  

NJM3776 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM3776
Description  DUAL CONTROLLER FOR HIGH-CURRENT STEPPER MOTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3776 Datasheet(HTML) 3 Page - New Japan Radio

  NJM3776 Datasheet HTML 1Page - New Japan Radio NJM3776 Datasheet HTML 2Page - New Japan Radio NJM3776 Datasheet HTML 3Page - New Japan Radio NJM3776 Datasheet HTML 4Page - New Japan Radio NJM3776 Datasheet HTML 5Page - New Japan Radio NJM3776 Datasheet HTML 6Page - New Japan Radio NJM3776 Datasheet HTML 7Page - New Japan Radio NJM3776 Datasheet HTML 8Page - New Japan Radio NJM3776 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NJM3776
s FUNCTIONAL DESCRIPTION
Each channel of the NJM3776 consists of the following sections:
• An output section with four output transistors, two sourcing and two sinking, intended to drive the four transistors
in an external H-bridge. Each transistor is capable of driving up to 200 mA continuous current.
• A logic section that controls the output transistors.
• An S-R flip-flop, and a comparator. The clock-oscillator is common to both channels.
Constant current control is achieved by switching the output current to the windings. This is done by sensing the
peak current through the winding via a current-sensing resistor R
S, effectively connected in series with the motor
winding. As the current increases, a voltage develops across the sensing resistor, which is fed back to the com-
parator. At the predetermined level, defined by the voltage at the reference input V
R, the comparator resets the flip-
flop, which turns off the sourcing output transistor in the circuit. Consequently the correspond-ing lower external
transistor, in the H-bridge, is turned off. The turn-off of one channel is independent of the other channel. The
current decreases until the clock oscillator triggers the flip-flops of both channels simultaneously, which turns on the
output transistors again, and the cycle is repeated.
To prevent erroneous switching due to switching transients at turn-on, the NJM3776 includes a digital filter. The
clock oscillator provides a blanking pulse which is used for digital filtering of the voltage transient across the
current sensing resistor during turn-on. Due to the high output drive capability, this transient might exceed the max.
allowed voltage on the C inputs and damage the circuit. A resistor is placed in the feedback loop in order to prevent
this transient from damaging the circuit.
The current paths during turn-on, turn-off and phase shift are shown in figure 3.
Figure 3. Output stage with current paths
during turn-on, turn-off and phase shift
1
2
3
Vmm
Rs
Fast Current Decay
Slow Current Decay
Motor Current
Time
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com