Electronic Components Datasheet Search
  English  ▼

X  

LM4040 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # LM4040
Description  Precision Micropower Shunt Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button LM4040 Datasheet HTML 8Page - Micrel Semiconductor LM4040 Datasheet HTML 9Page - Micrel Semiconductor LM4040 Datasheet HTML 10Page - Micrel Semiconductor LM4040 Datasheet HTML 11Page - Micrel Semiconductor LM4040 Datasheet HTML 12Page - Micrel Semiconductor LM4040 Datasheet HTML 13Page - Micrel Semiconductor LM4040 Datasheet HTML 14Page - Micrel Semiconductor LM4040 Datasheet HTML 15Page - Micrel Semiconductor LM4040 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LM4040/4041
Micrel
LM4040/4041
12
January 2000
Applications Information
The LM4040 and LM4041 have been designed for stable
operation without the need of an external capacitor con-
nected between the (+) and (–) pins. If a bypass capacitor is
used, the references remain stable.
Schottky Diode
LM4040-x.x and LM4041-1.2 in the SOT-23 package have a
parasitic Schottky diode between pin 2 (–) and pin 3 (die
attach interface connect). Pin 3 of the SOT-23 package must
float or be connected to pin 1. LM4041-ADJs use pin 3 as the
(–) output.
Conventional Shunt Regulator
In a conventional shunt regulator application (see Figure 1),
an external series resistor (R
S) is connected between the
supply voltage and the LM4040-x.x or LM4041-1.2 reference.
R
S determines the current that flows through the load (IL) and
the reference (I
Q). Since load current and supply voltage may
vary, R
S should be small enough to supply at least the
minimum acceptable I
Q to the reference even when the
supply voltage is at its minimum and the load current is at its
maximum value. When the supply voltage is at its maximum
and I
L is at its minimum, RS should be large enough so that
the current flowing through the LM4040-x.x is less than
15mA, and the current flowing through the LM4041-1.2 or
LM4041-ADJ is less than 12mA.
R
S is determined by the supply voltage (VS), the load and
operating current, (I
L and IQ), and the reference’s reverse
breakdown voltage (V
R).
R
s = (Vs – VR) / (IL + IQ)
Adjustable Regulator
The LM4041-ADJ’s output voltage can be adjusted to any
value in the range of 1.24V through 10V. It is a function of the
internal reference voltage (V
REF) and the ratio of the external
feedback resistors as shown in Figure 2. The output is found
using the equation
(1)
V
O = VREF´ [ (R2/R1) + 1 ]
where V
O is the desired output voltage. The actual value of
the internal V
REF is a function of VO. The “corrected” VREF is
determined by
(2)
V
REF´ = VO (∆VREF / ∆VO) + VY
where V
O is the desired output voltage. ∆VREF / ∆VO is found
in the Electrical Characteristics and is typically –1.3mV/V and
V
Y is equal to 1.233V. Replace the value of VREF´ in equation
(1) with the value found using equation (2).
Note that actual output voltage can deviate from that pre-
dicted using the typical
∆V
REF / ∆VO in equation (2); for C-
grade parts, the worst-case
∆V
REF / ∆VO is –2.5mV/V and
V
Y = 1.248V.
The following example shows the difference in output voltage
resulting from the typical and worst case values of
∆V
REF / ∆VO:
Let V
O = +9V. Using the typical values of ∆VREF /∆VO , VREF
is 1.223V. Choosing a value of R1 = 10k
Ω, R2 = 63.272kΩ.
Using the worst case
∆V
REF / ∆VO for the C-grade and D-
grade parts, the output voltage is actually 8.965V and 8.946V
respectively. This results in possible errors as large as 0.39%
for the C-grade parts and 0.59% for the D-grade parts. Once
again, resistor values found using the typical value of
∆V
REF / ∆VO will work in most cases, requiring no further
adjustment.
Figure 4. Voltage Level Detector
R1
120k
R2
1M
FB
+
–
LM4041-ADJ
D1
λ
< –12V
LED ON
R3
200
–5V
D1
λ
LM4041-
ADJ
R1
120k
R2
1M
FB
–
+
R3
330
> –12V
LED ON
–5V
Figure 3. Voltage Level Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com