Electronic Components Datasheet Search
  English  ▼

X  

LM4040 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # LM4040
Description  Precision Micropower Shunt Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button LM4040 Datasheet HTML 8Page - Micrel Semiconductor LM4040 Datasheet HTML 9Page - Micrel Semiconductor LM4040 Datasheet HTML 10Page - Micrel Semiconductor LM4040 Datasheet HTML 11Page - Micrel Semiconductor LM4040 Datasheet HTML 12Page - Micrel Semiconductor LM4040 Datasheet HTML 13Page - Micrel Semiconductor LM4040 Datasheet HTML 14Page - Micrel Semiconductor LM4040 Datasheet HTML 15Page - Micrel Semiconductor LM4040 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LM4040/4041
Micrel
LM4040/4041
14
January 2000
+15V
R1
2N2905
2N
3964
R2
120k
LM4041-ADJ
FB
+
–
1.24V
R1
IOUT =
1µA < IOUT = 100mA
+5V
R3
100k
CMOS
R4
10M
1
2
3
6
5
4
4N28
N.C.
R2
22k
LM4041-ADJ
+
–
R1
332
Ω
±1%
FB
1N914
2N2222
D1*
λ
I
THRESHOLD =
= 3.7mA
± 2%
1.24V
R1
D2
1N4002
0 to 20 mA
Figure 10. Current Source
Figure 11. Precision Floating Current Detector
* D1 can be any LED, V
F = 1.5V to 2.2V at 3mA. D1 may act as an indicator. D1 will
be on if I
THRESHOLD falls below the threshold current, except with I = O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com