Electronic Components Datasheet Search
  English  ▼

X  

LM4040 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # LM4040
Description  Precision Micropower Shunt Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040 Datasheet(HTML) 4 Page - Micrel Semiconductor

  LM4040 Datasheet HTML 1Page - Micrel Semiconductor LM4040 Datasheet HTML 2Page - Micrel Semiconductor LM4040 Datasheet HTML 3Page - Micrel Semiconductor LM4040 Datasheet HTML 4Page - Micrel Semiconductor LM4040 Datasheet HTML 5Page - Micrel Semiconductor LM4040 Datasheet HTML 6Page - Micrel Semiconductor LM4040 Datasheet HTML 7Page - Micrel Semiconductor LM4040 Datasheet HTML 8Page - Micrel Semiconductor LM4040 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM4040/4041
Micrel
LM4040/4041
4
January 2000
LM4040-2.5 Electrical Characteristics
Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C. The grades A, B, C, and D designate initial Reverse
Breakdown Voltage tolerance of
±0.1%, ±0.2%, ±0.5%, and ±1.0 respectively.
LM4040AIM3 LM4040BIM3 LM4040CIM3
Symbol
Parameter
Conditions
Typical
Units
(Note 4)
Limits
Limits
Limits
(Limit)
(Note 5)
(Note 5)
(Note 5)
V
R
Reverse Breakdown Voltage
I
R = 100µA
2.500
V
Reverse Breakdown Voltage
I
R = 100µA
±2.5
±5.0
±12
mV (max)
Tolerance
±19
±21
±29
mV (max)
I
RMIN
Minimum Operating Current
45
µA
60
60
60
µA (max)
65
65
65
µA (max)
∆V
R/∆T
Average Reverse Breakdown
I
R = 10mA
20
ppm/
°C
Voltage Temperature
I
R = 1mA
15
100
100
100
ppm/
°C (max)
Coefficient
I
R = 100µA
15
ppm/
°C (max)
∆V
R/∆IR
Reverse Breakdown Voltage
I
RMIN ≤ IR 1mA
0.3
mV
Change with Operating
0.8
0.8
0.8
mV (max)
Current Change
1.0
1.0
1.0
mV (max)
1mA
≤ I
R 15mA
2.5
mV
0.6
0.6
0.6
mV (max)
8.0
8.0
8.0
mV (max)
Z
R
Reverse Dynamic Impedance
I
R = 1mA, f = 120Hz
0.3
Ω
I
AC = 0.1 IR
0.8
0.8
0.9
Ω (max)
e
N
Wideband Noise
I
R = 100µA
10Hz
≤ f ≤ 10kHz
35
µV
RMS
∆V
R
Reverse Breakdown Voltage
t = 1000hrs
Long Term Stability
T = 25
°C ±0.1°C
120
ppm
I
R = 100µA
LM4040DIM3
Symbol
Parameter
Conditions
Typical
Units
(Note 4)
Limits
(Limit)
(Note 5)
V
R
Reverse Breakdown Voltage
I
R = 100µA
2.500
V
Reverse Breakdown Voltage
I
R = 100µA
±25
mV (max)
Tolerance
±49
mV (max)
I
RMIN
Minimum Operating Current
45
µA
65
µA (max)
70
µA (max)
∆V
R/∆T
Average Reverse Breakdown
I
R = 10mA
20
ppm/
°C
Voltage Temperature
I
R = 1mA
15
150
ppm/
°C (max)
Coefficient
I
R = 100µA
15
ppm/
°C (max)
∆V
R/∆IR
Reverse Breakdown Voltage
I
RMIN ≤ IR 1mA
0.3
mV
Change with Operating
1.0
mV (max)
Current Change
1.2
mV (max)
1mA
≤ I
R 15mA
2.5
mV
8.0
mV (max)
10.0
mV (max)
Z
R
Reverse Dynamic Impedance
I
R = 1mA, f = 120Hz
0.3
Ω
I
AC = 0.1 IR
1.1
Ω (max)
e
N
Wideband Noise
I
R = 100µA
10Hz
≤ f ≤ 10kHz
35
µV
RMS
∆V
R
Reverse Breakdown Voltage
t = 1000hrs
Long Term Stability
T = 25
°C ±0.1°C
120
ppm
I
R = 100µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com