Electronic Components Datasheet Search
  English  ▼

X  

LM4040 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # LM4040
Description  Precision Micropower Shunt Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040 Datasheet(HTML) 3 Page - Micrel Semiconductor

  LM4040 Datasheet HTML 1Page - Micrel Semiconductor LM4040 Datasheet HTML 2Page - Micrel Semiconductor LM4040 Datasheet HTML 3Page - Micrel Semiconductor LM4040 Datasheet HTML 4Page - Micrel Semiconductor LM4040 Datasheet HTML 5Page - Micrel Semiconductor LM4040 Datasheet HTML 6Page - Micrel Semiconductor LM4040 Datasheet HTML 7Page - Micrel Semiconductor LM4040 Datasheet HTML 8Page - Micrel Semiconductor LM4040 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
January 2000
3
LM4040/4041
LM4040/4041
Micrel
Absolute Maximum Ratings
Reverse Current ......................................................... 20mA
Forward Current ......................................................... 10mA
Maximum Output Voltage
LM4041-Adjustable ................................................... 15V
Power Dissipation at T
A = 25°C (Note 2) ................ 306mW
Storage Temperature ............................... –65
°C to +150°C
Lead Temperature
Vapor phase (60 seconds) .............................. +215
°C
Infrared (15 seconds) ...................................... +220
°C
ESD Susceptibility
Human Body Model (Note 3) ................................. 2kV
Machine Model (Note 3) ...................................... 200V
Operating Ratings (Notes 1 and 2)
Temperature Range
(T
MIN ≤ TA ≤ TMAX) .......................... –40°C ≤ TA ≤ +85°C
Reverse Current
LM4040-2.5 .......................................... 60
µA to 15mA
LM4040-4.1 .......................................... 68
µA to 15mA
LM4040-5.0 .......................................... 74
µA to 15mA
LM4041-1.2 .......................................... 60
µA to 12mA
LM4041-ADJ ........................................ 60
µA to 12mA
Output Voltage Range
LM4041-ADJ .......................................... 1.24V to 10V
+
Functional Diagram
LM4040, LM4041 Fixed
Functional Diagram
LM4041 Adjustable
+
FB
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com