Electronic Components Datasheet Search
  English  ▼

X  

MIC284 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC284
Description  Two-Zone Thermal Supervisor Advance Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC284 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC284 Datasheet HTML 1Page - Micrel Semiconductor MIC284 Datasheet HTML 2Page - Micrel Semiconductor MIC284 Datasheet HTML 3Page - Micrel Semiconductor MIC284 Datasheet HTML 4Page - Micrel Semiconductor MIC284 Datasheet HTML 5Page - Micrel Semiconductor MIC284 Datasheet HTML 6Page - Micrel Semiconductor MIC284 Datasheet HTML 7Page - Micrel Semiconductor MIC284 Datasheet HTML 8Page - Micrel Semiconductor MIC284 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
September 29, 2000
1
MIC284
MIC284
Micrel
MIC284
Two-Zone Thermal Supervisor
Advance Information
Typical Application
CLK
FROM
SERIAL BUS
HOST
OVER-TEMP
SHUTDOWN
REMOTE
DIODE
2200pF
0.1
µF
MIC284
/INT
/CRIT
3.3V
DATA
4
× 10k
pull-ups
VDD
T1
A0
GND
2-Channel SMBus Temperature Measurement System
Features
• Optimized for CPU Thermal Supervision in Computing
Applications
• Measures Local and Remote Temperature
• Sigma-Delta ADC for 8-Bit Temperature Results
• 2-Wire SMBus-compatible Interface
• Programmable Thermostat Settings for both Internal and
External Zones
• Open-Drain Interrupt Output Pin
• Open-Drain Over Temperature Output Pin for Fan
Control or Hardware Shutdown
• Interrupt Mask and Status Bits
• Low Power Shutdown Mode
• Failsafe response to diode faults
• 2.7V to 5.5V Power Supply Range
• 8-Lead SOIC and MSOP Packages
Applications
• Desktop, Server and Notebook Computers
• Power Supplies
• Test and Measurement Equipment
• Wireless Systems
• Networking/Datacom Hardware
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
General Description
The MIC284 is a versatile digital thermal supervisor capable
of measuring temperature using its own internal sensor and
an inexpensive external sensor or embedded silicon diode
such as those found in the Intel Pentium III* CPU. A 2-wire
serial interface is provided to allow communication with either
I2C** or SMBus* masters. Features include an open-drain
over-temperature output with dedicated registers for imple-
menting fan control or over-temperature shutdown circuits.
Interrupt status and mask bits are provided for reduced
software overhead. The open-drain interrupt output pin can
be used as either an overtemperature alarm or a thermostatic
control signal. A programmable address pin permits two
devices to share the bus. (Alternate base addresses avail-
able-contact Micrel.) Superior performance, low power and
small size makes the MIC284 an excellent choice for the most
demanding thermal management applications.
*SMBus and Pentium III are trademarks of Intel Corporation.
**I2C is a trademark of Philips Electronics, N.V.
Ordering Information
Part Number
Base Address(*)
Junction Temp. Range
Package
Notes
MIC284-0BM
100 100x
–55
°C to +125°C
8-Lead SOP
MIC284-1BM
100 101x
–55
°C to +125°C
8-Lead SOP
Contact Factory
MIC284-2BM
100 110x
–55
°C to +125°C
8-Lead SOP
Contact Factory
MIC284-3BM
100 111x
–55
°C to +125°C
8-Lead SOP
Contact Factory
MIC284-0BMM
100 100x
–55
°C to +125°C
8-Lead MSOP
MIC284-1BMM
100 101x
–55
°C to +125°C
8-Lead MSOP
Contact Factory
MIC284-2BMM
100 110x
–55
°C to +125°C
8-Lead MSOP
Contact Factory
MIC284-3BMM
100 111x
–55
°C to +125°C
8-Lead MSOP
Contact Factory
* The least-significant bit of the slave address is determined by the state of the A0 pin.


Similar Part No. - MIC284

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC284-0BM MICREL-MIC284-0BM Datasheet
926Kb / 20P
Two-Zone Thermal Supervisor
MIC284-0BMM MICREL-MIC284-0BMM Datasheet
926Kb / 20P
Two-Zone Thermal Supervisor
MIC284-0YM MICREL-MIC284-0YM Datasheet
926Kb / 20P
Two-Zone Thermal Supervisor
MIC284-0YMM MICREL-MIC284-0YMM Datasheet
926Kb / 20P
Two-Zone Thermal Supervisor
MIC284-1BM MICREL-MIC284-1BM Datasheet
926Kb / 20P
Two-Zone Thermal Supervisor
More results

Similar Description - MIC284

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC184 MICREL-MIC184 Datasheet
140Kb / 21P
Local/Remote Thermal Supervisor Advance Information
MIC2774 MICREL-MIC2774 Datasheet
381Kb / 8P
Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2775 MICREL-MIC2775 Datasheet
365Kb / 7P
Micro-Power Voltage Supervisor Advance Information
MIC2777 MICREL-MIC2777 Datasheet
375Kb / 8P
Dual Micro-Power Low Voltage Supervisor Advance Information
MIC384 MICREL-MIC384 Datasheet
121Kb / 21P
Three-Zone Thermal Supervisor Advance Information
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
Micrel Semiconductor
MIC284 MICREL-MIC284_05 Datasheet
926Kb / 20P
Two-Zone Thermal Supervisor
MIC384 MICREL-MIC384_05 Datasheet
518Kb / 22P
Three-Zone Thermal Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com