Electronic Components Datasheet Search
  English  ▼

X  

MIC284 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC284
Description  Two-Zone Thermal Supervisor Advance Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC284 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC284 Datasheet HTML 1Page - Micrel Semiconductor MIC284 Datasheet HTML 2Page - Micrel Semiconductor MIC284 Datasheet HTML 3Page - Micrel Semiconductor MIC284 Datasheet HTML 4Page - Micrel Semiconductor MIC284 Datasheet HTML 5Page - Micrel Semiconductor MIC284 Datasheet HTML 6Page - Micrel Semiconductor MIC284 Datasheet HTML 7Page - Micrel Semiconductor MIC284 Datasheet HTML 8Page - Micrel Semiconductor MIC284 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
September 29, 2000
5
MIC284
MIC284
Micrel
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Human body model: 1.5k in series with 100pF. Machine model: 200pF, no series resistance.
Note 4.
Final test on outgoing product is performed at T
A = TBD°C.
Note 5.
T
D is the temperature of the remote diode junction. Testing is performed using a single unit of one of the transistors listed in Table 6.
Note 6.
Current into this pin will result in self-heating of the MIC284. Sink current should be minimized for best accuracy.
Note 7.
Guaranteed by design over the operating temperature range. Not 100% production tested.
Note 8.
t
CONV = tCONV0 + tCONV1. tCONV0 is the conversion time for the local zone; tCONV1 is the conversion time for the remote zone.`
Note 9.
Accuracy specification does not include quantization noise, which may be as great as
±1⁄2LSB (±0.5°C).
Timing Diagram
t1
t2
t5
t4
t3
SCL
SDA Data In
SDA Data Out
Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com