Electronic Components Datasheet Search
  English  ▼

X  

MIC4426 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC4426
Description  Dual 1.5A-Peak Low-Side MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4426 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC4426 Datasheet HTML 1Page - Micrel Semiconductor MIC4426 Datasheet HTML 2Page - Micrel Semiconductor MIC4426 Datasheet HTML 3Page - Micrel Semiconductor MIC4426 Datasheet HTML 4Page - Micrel Semiconductor MIC4426 Datasheet HTML 5Page - Micrel Semiconductor MIC4426 Datasheet HTML 6Page - Micrel Semiconductor MIC4426 Datasheet HTML 7Page - Micrel Semiconductor MIC4426 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MIC4426/4427/4428
Micrel
MIC4426/4427/4428
6
September 1999
Applications Information
Supply Bypassing
Large currents are required to charge and discharge large
capacitive loads quickly. For example, changing a 1000pF
load by 16V in 25ns requires 0.8A from the supply input.
To guarantee low supply impedance over a wide frequency
range, parallel capacitors are recommended for power sup-
ply bypassing. Low-inductance ceramic MLC capacitors with
short lead lengths (< 0.5") should be used. A 1.0
µF film
capacitor in parallel with one or two 0.1
µF ceramic MLC
capacitors normally provides adequate bypassing.
Grounding
When using the inverting drivers in the MIC4426 or MIC4428,
individual ground returns for the input and output circuits or a
ground plane are recommended for optimum switching speed.
The voltage drop that occurs between the driver’s ground and
the input signal ground, during normal high-current switching,
will behave as negative feedback and degrade switching
speed.
Control Input
Unused driver inputs must be connected to logic high (which
can be V
S) or ground. For the lowest quiescent current
(< 500
µA) , connect unused inputs to ground. A logic-high
signal will cause the driver to draw up to 9mA.
The drivers are designed with 100mV of control input hyster-
esis. This provides clean transitions and minimizes output
stage current spikes when changing states. The control input
voltage threshold is approximately 1.5V. The control input
recognizes 1.5V up to V
S as a logic high and draws less than
1
µA within this range.
The MIC4426/7/8 drives the TL494, SG1526/7, MIC38C42,
TSC170 and similar switch-mode power supply integrated
circuits.
Power Dissipation
Power dissipation should be calculated to make sure that the
driver is not operated beyond its thermal ratings. Quiescent
power dissipation is negligible. A practical value for total
power dissipation is the sum of the dissipation caused by the
load and the transition power dissipation (P
L + PT).
Load Dissipation
Power dissipation caused by continuous load current (when
driving a resistive load) through the driver’s output resistance
is:
P
L = IL
2 R
O
For capacitive loads, the dissipation in the driver is:
P
L = f CL VS
2
Transition Dissipation
In applications switching at a high frequency, transition power
dissipation can be significant. This occurs during switching
transitions when the P-channel and N-channel output FETs
are both conducting for the brief moment when one is turning
on and the other is turning off.
P
T = 2 f VS Q
Charge (Q) is read from the following graph:
1
×10-8
8
×10-9
4
×10-9
3
×10-9
2
×10-9
6
×10-9
1
×10-9
4
6
8
10
1214
1618
SUPPLY VOLTAGE (V)
Crossover Energy Loss per Transition



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com