Electronic Components Datasheet Search
  English  ▼

X  

MIC4426 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4426
Description  Dual 1.5A-Peak Low-Side MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4426 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4426 Datasheet HTML 1Page - Micrel Semiconductor MIC4426 Datasheet HTML 2Page - Micrel Semiconductor MIC4426 Datasheet HTML 3Page - Micrel Semiconductor MIC4426 Datasheet HTML 4Page - Micrel Semiconductor MIC4426 Datasheet HTML 5Page - Micrel Semiconductor MIC4426 Datasheet HTML 6Page - Micrel Semiconductor MIC4426 Datasheet HTML 7Page - Micrel Semiconductor MIC4426 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC4426/4427/4428
Micrel
MIC4426/4427/4428
4
September 1999
Test Circuits
A
B
INA
INB
2
4
MIC4427
5
7
OUTA
1000pF
6
VS = 18V
0.1µF
4.7µF
OUTB
1000pF
Figure 2a. Noninverting Configuration
90%
10%
t
R
10%
0V
5V
t
F
V
S
OUTPUT
INPUT
90%
0V
t
D1
t
D2
t
PW
2.5V
Figure 2b. Noninverting Timing
A
B
INA
INB
2
4
MIC4426
5
7
OUTA
1000pF
6
VS = 18V
0.1µF
4.7µF
OUTB
1000pF
Figure 1a. Inverting Configuration
t
D1
90%
10%
t
F
10%
0V
5V
t
D2
t
R
V
S
OUTPUT
INPUT
90%
0V
2.5V
t
PW
Figure 1b. Inverting Timing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com